PART |
Description |
Maker |
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
MC74HC175A MC74HC175AD MC74HC175ADR2 MC74HC175ADT |
Quad D-type Flip-Flop with Common Clock and Reset Quad D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS QUAD D FLLP-FLOP WLTH COMMON CLOCK AND RESET From old datasheet system
|
ONSEMI[ON Semiconductor]
|
74ACT175MTC 74ACT175MTCX |
Quad D-Type Flip-Flop
|
Fairchild Semiconductor
|
MC14175BFEL MC14175B MC14175BCP MC14175BD MC14175B |
Quad D-Type Flip Flop Quad Type D Flip-Flop
|
ONSEMI[ON Semiconductor]
|
57401AJ/883B C57401AJ/883B 57401J 57401L 57402J 57 |
DUAL 'D' - TYPE FLIP-FLOP x5 Asynchronous FIFO 7 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS QUAD BILATERAL SWITCH DUAL-J-K MASTER-SLAVE FLIP-FLOP X5的异步FIFO x4 Asynchronous FIFO x4异步FIFO
|
Atmel, Corp. NIC Components, Corp.
|
M74HC175RM13TR M74HC175TTR M74HC17501 M74HC175B1R |
QUAD D-TYPE FLIP FLOP WITH CLEAR
|
STMicroelectronics
|
TC7MH175FK |
Quad D-Type Flip-Flop with Clear
|
TOSHIBA
|
74VHC74MTC 74VHC74N 74VHC74SJ 74VHC74 74VHC74MTCX |
Dual D-Type Flip-Flop 双D型触发器 Supervisor Push-Pull Active High, -40C to 85C, 3-SOT-23, T/R Dual D-Type Flip-Flop with Preset and Clear
|
Fairchild Semiconductor, Corp.
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
DM74174 74174 |
Hex/Quad D-Type Flip-Flop with Clear
|
FAIRCHILD[Fairchild Semiconductor]
|