PART |
Description |
Maker |
LTC3564IS5TRPBF |
2.25MHz, 1.25A Synchronous Step-Down Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 2.5 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Technology, Corp.
|
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
AKM62256LFP-10SLT AKM62256LP-10SL AKM62256LFP-8T A |
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C x8 SRAM x8的SRAM
|
|
EUP3290 |
2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics
|
LTC3410B |
2.25MHz/ 300mA Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3542EDC-PBF LTC3542EDC-TRPBF LTC3542ES6-PBF LTC |
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
JMK107BJ475RA JMK107BJ106MA GRM219R60J106KE19 GRM2 |
Dual 1A, 1.25MHz Synchronous Step-Down Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
LTC3407EMS LTC3407EMSE-2 LTC3407EDD-2 LTC3407-2 |
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC3548EDD-PBF LTC3548EDD-TRPBF LTC3548IDD-PBF LTC |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3406B-2 |
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Linear Technology
|
26
|
LTC3448 3448F LTC3448EMS8E LTC3448EDD |
From old datasheet system 1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
|
Linear Technology
|