PART |
Description |
Maker |
UM17735 |
500mA, Micropower, VLDO Linear Regulator
|
Union Semiconductor, In...
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
CS9202 CS9202YDF8 CS9202YDFR8 |
Micropower 3.3V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 3.3 V / 100 mA Linear Regulator with NOCAP Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
|
ONSEMI[ON Semiconductor]
|
AAT3239 |
500mA MicroPower LDO
|
Analogic Tech
|
LTC4063 |
Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
|
Linear Technology
|
LTC4063 |
Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
|
linear
|
CS8140 CS8140YDW24 CS8140YDWR24 CS8140YN14 CS8140Y |
5V/ 500mA Linear Regulator with ENABLE/ / and Watchdog RESET Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
|
ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
LT1763CS8-2.5PBF LT1763CS8-2.5TR LT1763CS8-2.5TRPB |
500mA, Low Noise, LDO Micropower Regulators
|
Linear Technology
|
CM3016-48 |
Micropower 4.75V/500mA Low Noise CMOS LDO Regulator
|
California Micro Devices
|
CM3016-48SO CM3016-48ST CM3016-48 |
Micropower, 4.75V/500mA Low Noise LDO CMOS Regulator Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
|
California Micro Device... California Micro Devices Corporation
|
CS8101YD8 CS8101-D |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low DropoutLinear Regulator with RESETbar and ENABLEbar Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with Inverted RESET and Inverted ENABLE
|
On Semiconductor
|
SS6531 |
500mA Dual Linear Regulator
|
Silicon Standard
|