PART |
Description |
Maker |
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
MAX6826 MAX6827 MAX6828 MAX6829 MAX6831 MAX6830 MA |
Vcc1: 3.3 V, Vcc2: 1.2 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1: 3.3 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer 2.63 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Dual Ultra-Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 レP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 P Supervisors with Manual Reset and Watchdog Timer 低电压、双电源监控复位电路 From old datasheet system 16-Bit Shift Registers 28-LCCC -55 to 125 4-By-4 Register Files With 3-State Outputs 16-CDIP -55 to 125 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 SOT-23, 6 PIN Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 2.32 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1:1.8 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
X40010S8-A X40010V8I-A X40015V8I-C X40014V8-C X400 |
Dual voltage monitoring CPU supervisor with power-on-reset, low voltage reset, watchdog timer, fault detection register, WDO output, active high reset RECTIFIER DIODES,COMMON CATHODE,1.5KV V(RRM),MODULE-S RS232 CURRENT LOOP INTRFACE General Purpose Relay 双电压监视器集成CPU监控 Dual Voltage Monitor with Integrated CPU Supervisor 双电压监视器集成CPU监控 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 双电压监视器集成CPU监控
|
Xicor Intersil, Corp.
|
2MBHR-XX-VSG-SMT-P-PP |
BOX HEADER STRAIHGT SEL GOLD PLATED
|
Adam Technologies, Inc.
|
X4165S8 X4163 X4165V8I-2.7A X4165V8-2.7A X4163S8-4 |
CPU Supervisor with 16K EEPROM 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 IGBT Module; Continuous Collector Current, Ic:75A; Collector Emitter Saturation Voltage, Vce(sat):3V; Collector Emitter Voltage, Vceo:1200V; Leaded Process Compatible:Yes; Package/Case:D61; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CPU Supervisor with 16K EEPROM
|
Intersil, Corp. http:// Intersil Corporation
|
ADM705 ADM706 ADM707 ADM708 |
Low Cost P Supervisor with 4.65V Threshold Voltage, Watchdog, Power Fail and Manual Reset Features and Active Low Reset Output 3 V, Voltage Monitoring P Supervisory Circuits Low Cost P Supervisor with 4.65V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs Low Cost P Supervisor with 4.4V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs
|
Analog Devices
|
ADM12914 ADM12914-1ARQZ ADM12914-1ARQZ-RL7 ADM1291 |
±0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor 隆戮0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
|
Analog Devices
|
CAT8710NTD-GT3 CAT8710FTD-GT3 CAT8710LTD-GT3 CAT87 |
Quad Voltage Supervisor
|
ON Semiconductor
|