PART |
Description |
Maker |
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AD5544 AD5544ARS AD5554 AD5554BRS 2602 |
From old datasheet system Quad/ Current-Output Serial-Input/ 16-Bit/14-Bit DACs Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs Precision QUAD 16-Bit DAC
|
AD[Analog Devices]
|
DAC16GBC DAC16GS DAC16FP DAC16FS DAC16 DAC16GSZ |
16-Bit High Speed Current-Output DAC 16-Bit High Speed Current-Output DAC PARALLEL, WORD INPUT LOADING, 0.5 us SETTLING TIME, 16-BIT DAC, PDSO24
|
AD[Analog Devices] Analog Devices, Inc.
|
AD5557 AD5557CRU AD5557CRU-REEL7 AD5547BRU AD5547 |
Dual Current-Output Parallel-Input, 14-Bit DAC Dual Current-Output Parallel-Input, 16-Bit DAC Dual Current Output Parallel Input 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
|
AD[Analog Devices]
|
DAN217 DAN217U |
Switch Mode Power Supply; Output Power:76.8W; No. of Outputs:1; Output 1 VDC :24VDC; Output Current 1:3.2A; Power Supply Mounting:Chassis; Output Current:3.2A; Output Power Max:76.8W; Output Voltage:24VDC; Series:JWS RoHS Compliant: Yes 开关二极管 Switching diode
|
Rohm Co., Ltd.
|
DTA115 DTA115EE DAT115EKA DAT115ESA DAT115EUA DTA1 |
Digital transistors (built-in resistors) 数字晶体管(内置电阻 Switch Mode Power Supply; Output Power:5W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:1A; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:1A; Output Power Max:5W; Output Voltage:5VDC RoHS Compliant: Yes From old datasheet system
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
AN6701S AN6701 |
Switch Mode Power Supply; Output Power:1512W; No. of Outputs:1; Output 1 VDC :360VDC; Output Current 1:4.2A; Power Supply Mounting:PC Board; Leaded Process Compatible:Yes; Output Current:4.2A; Output Power Max:1512W RoHS Compliant: Yes 温度传感器IC Temperature Sensor IC
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
X4ODC24A X4ODC15A |
Input/Output Module; Input Current Max:15mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:30.5V; Supply Voltage Min:18V; Output Voltage Max:200V; Output Voltage Min:5V Input/Output Module; Input Current Max:20mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:20V; Supply Voltage Min:10V; Output Voltage Max:200V; Output Voltage Min:5V
|
CRYDOM CORP
|
DAC100 |
10-Bit Current output D to A Converter
|
Analog Devices
|
DAC100BCQ5 |
10-Bit Current Output D/A Converter
|
Analog Devices
|
MAX5547 MAX5547ETA |
Dual, 10-Bit, Current-Sink Output DAC
|
Maxim Integrated Products, Inc.
|
LTC2751BCUHF-16PBF LTC2751BCUHF-16TRPBF |
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
Linear Technology
|