PART |
Description |
Maker |
IDT72413L45SO IDT72413L45SOB IDT72413L25D IDT72413 |
Current-Mode PWM Controller 14-SOIC 0 to 70 CMOS并行64 × 5位标志位的FIFO High-Performance Current-Mode PWM Controller 8-PDIP 0 to 70 CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
SG3842N SG3842M SG3843M SG1842SERIES SG1842 |
SMPS CONTROLLER,CURRENT-MODE,BIPOLAR,DIP,14PIN,PLASTIC SMPS CONTROLLER,CURRENT-MODE,BIPOLAR,DIP,8PIN,PLASTIC Current Mode PWM Controller From old datasheet system
|
Microsemi Corp
|
IMP38C42_D IMP38C42EMA IMP38C42EPA IMP38C42EPD IMP |
BiCMOS Current-Mode PWM Controllers BiCMOS Cur BiCMOS Curr rent-Mode ent-Mode PWM Contr PWM Controller ollers s From old datasheet system BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode External Plug-In Power Supply; Series:FW30; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Input Current:2.50A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No RECTIFIER BRIDGE 1.5A 800V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER STANDARD SINGLE 1A 400V 400 25A-ifsm 3uA-ir 1.1V-vf PowerDI123 3K/REEL 的BiCMOS电流模式PWM控制 RECTIFIER BRIDGE 1.5A 1000V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE 的BiCMOS电流模式PWM控制 SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, UUC SWITCHING CONTROLLER, PDSO8 0.5 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO8
|
IMP[IMP Inc] A1 PROs co., Ltd. IMP[IMP, Inc] IMP Inc IMP INC.
|
NCP1361EABAYSNT1G NCP1361BABAYSNT1G NCP1366AABAYDR |
Low Power Offline Constant Current PWM Current-Mode Controller
|
ON Semiconductor
|
UC3843A-BW UC3845A-BW UC3842A-BW |
Current Mode PWM Controller Low Start-Up and Operating Current
|
First Components International First Components Intern...
|
FAN6921 AN-6921 |
Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
|
Fairchild Semiconductor http://
|
FAN6921MR KA431 FDB031N08 PC817 FAN6920 FAN6204 TT |
Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller
|
Fairchild Semiconductor http://
|
NCP1378PG NCP1378P NCP1378DR2 NCP1378 |
QR SMPS controller PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation From old datasheet system
|
ONSEMI[ON Semiconductor]
|
AZ3842 AZ3842M AZ3843MM AZ3844 AZ3844MM AZ3842MM A |
CURRENT MODE PWM CONTROLLER
|
Advanced Analog Technology, Inc.
|
UC3842 UC3842N UC3842D |
Current-mode PWM controller
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|