PART |
Description |
Maker |
X28HC16J-55 X28HC16SI-55 X28HC16J-90 X28HC16PI-70 |
90NS, 44 PLCC, IND TEMP(FLASH) x8 EEPROM 120NS, TSOP, COM TEMP(FLASH) 150NS, 44 TSOP, IND TEMP(FLASH) 90NS, TSOP, IND TEMP(FLASH) 70NS, TSOP, IND TEMP, GREEN(FLASH) x8的EEPROM
|
Electronic Theatre Controls, Inc.
|
GBAV70 |
consists of two diodes
|
GTM
|
IRIS-G6651 |
IRIS-G6651 is a hybrid IC consists from power MOSFET and a controller IC IRIS-G6651 is a hybrid IC consists from power MOSFET and a controller IC
|
IRF[International Rectifier]
|
LM339 LM339M |
consists of four independent voltage comparators
|
Estek Electronics Co. Ltd
|
L08053R9CEWTR L08051R2CEWTR L08053R3CEWTR L08052R7 |
IND 3.9UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0039 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 1.2UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0012 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 3.3UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0033 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 2.7UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0027 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 6.8UH 0.5UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0068 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 2.7UH 0.5UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF 1 ELEMENT, 0.0027 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD IND 15.0UH 5% THIN-FILM SMD-0603 TR-7 NI/SN-PB RF 1 ELEMENT, 0.015 uH, GENERAL PURPOSE INDUCTOR, SMD IND 22.0UH 5% THIN-FILM SMD-0805 TR-7 NI/SN-PB RF INDUCTOR, 0805 CASE, 3.3NH; Inductor type:High Frequency / RF; Series:Accu-L; Inductance:3.3nH; Tolerance, inductance: /-15.15%; Resistance:0.11R; Current, DC max:1500mA; Frequency, resonant:10000MHz; Case style:0805; Q factor:38; RoHS Compliant: Yes IND 15.0UH 5% THIN-FILM SMD-0805 TR-7 NI/SN-PB RF
|
AVX, Corp. AVX CORP
|
BAV70 |
The BAV70 consists of two diodes in a plastic surface mount package
|
FORMOSA[Formosa MS]
|
LR4558 |
The LR4558 consists of two high performance operational amplifiers 在LR4558由两个高性能运算放大
|
List of Unclassifed Manufacturers etc LRC Electronic Theatre Controls, Inc.
|
AN2809 |
The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
|
STMicroelectronics
|
ISC1210SY820K ISC1210EB1R5K ISC1210EB101J ISC1210B |
General Fixed Inductor, IND,POWDERED IRON,82UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, 1 ELEMENT, 1.5 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, CHIP, 1210, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,100UH,5% TOL,5% -TOL,1210 CASE ISC-1210 Wirewound, Surface Mount, Molded, Shielded Inductors General Fixed Inductor, IND,POWDERED IRON,10UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, 1 ELEMENT, 22 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,3.3UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, IND,POWDERED IRON,15UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, IND,POWDERED IRON,15UH,5% TOL,5% -TOL,1210 CASE
|
Vishay Dale
|
74LVTH16646MEAX 74LVT16646MEAX |
8K, 1K X 8, 16B PAGE, 2.5V SER EE IND, -40C to 85C, 8-TSSOP, T/R 位总线收发 512K, 64K X 8, 2.5V SER EE, IND, -40C to 85C, 8-SOIC 208mil, T/R 位总线收发
|
TE Connectivity, Ltd. Fairchild Semiconductor, Corp.
|
|