PART |
Description |
Maker |
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
IRFB4710PBF IRFS4710PBF IRFSL4710PBF IRFS4710TRR I |
High frequency DC-DC converters HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 75 A, 100 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
SI4410DYPBF SI4410DYTRPBF |
N-Channel MOSFET 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SO-8 HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
Hypertronics, Corp. International Rectifier
|
VRF152E VRF152EMP VRF152E10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 6; Gain (dB): 14; VDD (V): 50; Coss (pF): 220; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
IRFL4105 IRFL4105TR |
3.7 A, 55 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A) 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRF7103Q IRF7103QTR IRF7103QN |
N-channel power MOSFET for anti-lock braking systems applications, 50V, 3A TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 50V V(BR)DSS | 3A I(D) | SO Power MOSFET(Vdss=50V) 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package 50V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
|