PART |
Description |
Maker |
UPD78P4038YGK-BE9 UPD78P4038YGC-8BT UPD78P4038YGC- |
RECTIFIER BRIDGE 2A 50V 65A-ifsm 1.1V-vf 5uA-ir KBP 35/TUBE 16/8-BIT单片 16/8-BIT SINGLE-CHIP MICROCONTROLLER
|
http:// NEC, Corp. NEC Corp.
|
65PQ015 |
15V 65A Schottky Discrete Diode in a TO-247AC package SCHOTTKY RECTIFIER 65 Amps
|
IRF[International Rectifier]
|
MIC28510YJL |
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
|
Micrel Semiconductor
|
IRFB3077PBF |
High Efficiency Synchronous Rectification in SMPS 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier Corp.
|
75SLQ045 75SLQ045-15 |
75V 45A Hi-Rel Schottky Discrete Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 75 A, 45 V, SILICON, RECTIFIER DIODE
|
IRF[International Rectifier]
|
CDSV6-4448D-G12 CDSV6-4448D-G |
Switching Diodes Array, V-RRM=75V, V-R=75V, P-D=200mW, I-F=250mA SMD Switching Diode
|
Comchip Technology
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ACDST6-4448TI-G |
Small Signal Switching Diodes Switching Diodes Array, V-RRM=75V, V-R=75V, P-D=200mW, I-F=100mA
|
Comchip Technology
|
CDST-4148-G12 CDST-4148-G |
Switching Diodes Array, V-RRM=75V, V-R=75V, P-D=225mW, I-F=200mA Small Signal Switching Diodes
|
Comchip Technology
|
IRHSLNA58064 IRHSLNA53064 IRHSLNA54064 IRHSLNA5706 |
60V Hi-Rel Synchronous Rectifier N-Channel MOSFET in a SMD-2 package RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2) TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 75A I(D) | SMT 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 75A条(丁)|贴片
|
IRF[International Rectifier] International Rectifier, Corp.
|
UTT65P04L-TA3-T UTT65P04G-TA3-T |
65A, 40V P-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
1N5392-T3 1N5392-TB 1N5399-T3 1N5399-TB 1N5398-TB |
RECT SCHOTTKY 60V 3A POWERMITE3 1.5A SILICON RECTIFIER 1.5A的整流硅 DIODE DUAL SW 75V 350MW SOT-23 1.5A的整流硅
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|