PART |
Description |
Maker |
FAN2110 FAN2110EMPX FAN2110MPX |
TinyBuckT - 10A, 24V Input, Integrated Synchronous Buck Regulator; Package: 25-MLP 5x6; Container: Tape & Reel TinyBuck垄芒, 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator TinyBuck? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
|
FAIRCHILD SEMICONDUCTOR CORP
|
FAN2106EMPX FAN2106MPX FAN210608 FAN2106 |
TinyBuck 6A, 24V Input, Integrated Synchronous Buck Regulator TinyBuck⑩ 6A, 24V Input, Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|
FAN21SV06 FAN21SV06EMPX FAN21SV06MPX |
TinyBuck?/a> 6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability TinyBuck垄芒 6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
|
Fairchild Semiconductor
|
FAN21SV04EMPX12 FAN21SV04MPX12 FAN21SV0412 |
TinyBuck 4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|
FAN210612 FAN2106EMPX12 FAN2106MPX12 |
TinyBuck 3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|
LTC2335HLX-18PBF |
18-Bit, 1Msps 8-Channel Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
BP5047A24 |
AC220V input, 24V/150mA output
|
Rohm
|
G5207 |
24V Input Voltage-Mode Buck PWM Controller
|
Global Mixed-mode Technology Inc
|
BSR57 BSR56 BSR58 |
N-CHANNEL FETS RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts
|
NXP Semiconductors Philips Semiconductors
|
FSP150-60DL |
150 Watts 24V DC Input Flex ATX Switching Power Supply
|
Sparkle Power Inc.
|