PART |
Description |
Maker |
BT134W BT134W-500 BT134W-500F BT134W-500G BT134W-6 |
5541231100 WITH 5650211 RoHS Compliant: Yes 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs 800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC 5541231100 WITH 5650411 RoHS Compliant: Yes Transient Voltage Suppressor Diodes Triacs logic level Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT138X-500 BT138X-500F BT138X-500G BT138X-600 BT13 |
Triacs(双向可控 500 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
FT0405MF FT0405BF FT0409DF FT0405DE FT0405DF FT040 |
600 V, 5 mA logic level TRIAC 400 V, 5 mA logic level TRIAC 400 V, 10 mA logic level TRIAC Logic Level TRIACs 200 V, 5 mA logic level TRIAC
|
Fagor
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT134 |
Triacs logic level
|
Suntac Electronic Corp.
|
BT134-600D127 |
Triacs logic level
|
NXP Semiconductors
|
BT131-600D BT131-600E |
Triacs logic level
|
Philips Semiconductors
|
UT131 |
TRIACS LOGIC LEVEL
|
UTC[Unisonic Technologies]
|
BT131W-600 BT131W-500 |
Triacs logic level(双向可控硅逻辑电平)
|
Philips Semiconductors
|
8T06F-CW 8T06H-CW 8T06H-BW 8T06H-TW 8T06H-SW 8T08A |
TRIACs, 8A Snubberless, Logic Level and Standard
|
Nell Semiconductor Co., Ltd
|
T1210 BTA12 T1235 BTA12SW T1250 BTB12BW |
12 A Snubberless? logic level and standard triacs
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conduct...
|