PART |
Description |
Maker |
BC848B BC848W BC848W/T3 |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN 30 V, 100 mA NPN general-purpose transistors
|
NXP Semiconductors N.V.
|
BC184 BC184C BC184B |
0.350W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.100A Ic, 100 - hFE NPN SILICON PLANAR EPITAXIAL TRANSISTORS
|
CDIL[Continental Device India Limited]
|
2PC4081S135 |
NPN general-purpose transistor - Complement: 2PA1576S ; fT min: 100 MHz; hFE max: 560 ; hFE min: 270 ; I<sub>C</sub> max: 100 mA; Polarity: NPN ; Ptot max: 200 mW; VCEO max: 40 V; Package: SOT323 (SC-70); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
NTE2412 |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
2PC4617QMB 2PC4617RMB |
50 V, 100 mA NPN general-purpose transistors
|
NXP Semiconductors
|
BC847CMB BC847AMB BC847BMB |
45 V, 100 mA NPN general-purpose transistors
|
NXP Semiconductors
|
BC846BPN |
100 MA NPN/PNP General-purpose Transistor
|
Philips Semiconductors
|
CD9014C CD9014D CD9014D1 CD9014D3 CD9014E CD9014D2 |
0.625W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.100A Ic, 200 - 600 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.100A Ic, 100 - 300 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.100A Ic, 60 - 150 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.100A Ic, 60 - 1000 hFE NPN SILICON PLANAR TRANSISTOR
|
CDIL[Continental Device India Limited]
|
BC847BDW1T3 |
General Purpose Transistor Dual NPN; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 10000 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
2PD601ARL 2PD601ARL_DG 2PD601ASL 2PD601ASL_DG 2PD6 |
SMALL SIGNAL TRANSISTOR, TO-236AB PLASTIC PACKAGE-3 50 V, 100 mA NPN general-purpose transistors
|
NXP Semiconductors N.V.
|
CSD667C |
0.900W General Purpose NPN Plastic Leaded Transistor. 100V Vceo, 1.000A Ic, 100 - 200 hFE
|
Continental Device India Limited
|