PART |
Description |
Maker |
5962R0622903VYC AT68166FT-YM25-E AT68166FT-YM25-SC |
512K X 32 STANDARD SRAM, 25 ns, CQFP68 Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
|
E2V TECHNOLOGIES PLC ATMEL Corporation
|
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
BWR12/830D12 BWR12/830D48 BWR9/850D5 BWR12/625D5 |
Rad-hard 8-channel multiplexer (3-state) Rad-hard dual 4 channel multiplexer 3 state output Rad-hard octal D-type latch with 3 state output non inverting Rad-hard octal bus transceiver with 3 state outputs (non inverted) 模拟IC
|
STMicroelectronics N.V.
|
BWR-12/335-D5A BWR-5/700-D5A BWR-5/700-D48A BWR-15 |
12V 7-10W, dual output DC/DC converter DC-DC Converter, (4.7 to 7.25) V to (-12|12) V Rad-hard 4 to 16 line decoder/latch Rad-hard 3 to 8 line decoder latch Rad-hard octal bus buffer with 3 state outputs (non inverted) 型DC - DC电压转换 Rad-hard 8-input NAND gate 型DC - DC电压转换 Rad-hard octal bus buffer with 3 state outputs (inverted) 型DC - DC电压转换
|
Datel, Inc. Air Cost Control RECOM Electronic GmbH Electronic Theatre Controls, Inc.
|
MM0-65609EV-40SV M65609E07 MM0-65609EV-40-E MMDJ-6 |
Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
|
ATMEL Corporation
|
AT60142HT-DS17MMQ AT60142HT-DS17ESCC AT60142HT-DS1 |
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
|
ATMEL Corporation
|
ISL70001SEH ISL70001SRHEVAL1Z ISL70001SRHF ISL7000 |
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
|
Intersil Corporation
|
HS-22620RH HS0-22620RH-Q HS9-22620RH HS9-22620RH/P |
Rad Hard Dual/ Wideband/ High Input Impedance Uncompensated Operational Amplifier Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational
Amplifier(抗辐射宽带、高非补偿输入阻抗运算放大器) Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier DUAL OP-AMP, 6000 uV OFFSET-MAX, 100 MHz BAND WIDTH, UUC18
|
Intersil Corporation Intersil, Corp.
|
ACT-RS128K32N-035F1Q ACT-RS128K32N-035F2T ACT-RS12 |
RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
|
Aeroflex Circuit Technology
|
FSS430R4 FSS430D FSS430D1 FSS430D3 FSS430R FSS430R |
3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 3 A, 500 V, 2.7 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-257AA 3A, 500V, 2.70 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 3A00V.70欧姆,拉德硬,SEGR耐,N沟道功率MOSFET 3A/ 500V/ 2.70 Ohm/ Rad Hard/ SEGR Resistant/ N-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|