PART |
Description |
Maker |
TIP41C TIP42B TIP41A TIP42C TIP42A TIP41B ON2987 |
POWER TRANSISTORS COMPLEMENTARY SILICON 6 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB 6 AMPERE POWER TRANSISTORS From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
MPS2925 2N2925 PN2905 2N2905 |
PNP SILICON PLANAR EPITAXIAL TRANSISTORS PNP SILICON TRANSITOR PNP SILICON TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
2SB1255 |
Silicon PNP Power Transistors Silicon PNP Darlington Power Transistors
|
Savantic, Inc.
|
BD13601 BD140-16 BD136 BD136-10 BD136-16 BD138 BD1 |
1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 PNP SILICON TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics]
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BDP952 BDP954 BDP956 |
General Purpose Transistors - SOT223 package PNP Silicon AF Power Transistors
|
INFINEON[Infineon Technologies AG]
|
BD136 ON0185 BD140 BD138 BD140-10 |
Plastic Medium Power Silicon PNP Transistor From old datasheet system POWER TRANSISTORS PNP SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
BD544 BD544C BD544A BD544B |
PNP SILICON POWER TRANSISTORS ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% 8 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220
|
http:// POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
MJL21193 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|