PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2N6437 2N6438 2N6437-D |
POWER TRANSISTORS PNP SILICON 25 A, 120 V, PNP, Si, POWER TRANSISTOR, TO-204AA High-Power PNP Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
2SA2118 |
Power Device - Power Transistors - General-Purpose power amplification Power Transistors Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
MJD200 MJD210 MJD200T4 MJD200-1 MJD210-1 MJD210T4 |
From old datasheet system Complementary Plastic Power Transistors SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS 5 A, 25 V, PNP, Si, POWER TRANSISTOR
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
BCY72 BCY70 BCY71 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% PNP SILICON TRANSISTORS PNP SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|