PART |
Description |
Maker |
BAS16-02 BAS16-02L BAS16-03 BAS16-07L4 BAS16U BAS1 |
General Purpose Diodes - Silicon Switching Diode for high-speed switching Latest Silicon Discretes - Switching Diode for high speed switching Silicon Switching Diode 硅开关二极管
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
RD1006LS |
Diffused Junction Silicon Diode Ultrahigh-Speed Switching Diode 10 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Sanyo Semicon Device
|
MMBD4448HSDW-TP MMBD4448HAQW-TP |
DIODE SWITCHING 80V 250MA SOT363 0.25 A, 80 V, 4 ELEMENT, SILICON, SIGNAL DIODE 200mW Switching Diodes
|
Micro Commercial Components, Corp.
|
CMAD6001 CMAD6001TR |
SURFACE MOUNT SILICON ULTRA LOW LEAKAGE SWITCHING DIODE 0.25 A, 100 V, SILICON, SIGNAL DIODE
|
Central Semiconductor Corp
|
MMBTH10 MMBTSA1037 MMBTSA1162 MMBTSA1182 1SS390 MM |
NPN Silicon VHF/UHF Transistor PNP Silicon Epitaxial Planar Transistor SILICON EPITAXIAL PLANAR DIODE NPN Silicon Epitaxial Planar Transistors SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE PNP SILICON EPITAXIAL POWER TRANSISTOR BAND SWITCHING DIODE SILICON EPITAXIAL PLANAR SWITCHING DIODE SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
|
SEMTECH ELECTRONICS LTD. SEMTECH ELECTRONICS LTD...
|
BAW78 BAW79D BAW78D BAW79 |
General Purpose Diodes - Silicon Switching Diode for high-speed switching Silicon Switching Diodes
|
INFINEON[Infineon Technologies AG]
|
HVD142 |
Silicon Epitaxial Planar Pin Diode for High Frequency Switching Silicon Epitaxial Planar Pin Diode for Antenna Switching From old datasheet system
|
Hitachi Semiconductor
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
Q62702-X143 BXY42BA-3 |
PUBLICATIONS, BOOKS RoHS Compliant: NA SILICON, PIN DIODE Silicon PIN Diode (Fast switching In stripline package other lead configurations available)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
HVD132 |
Diodes>Switching Silicon Epitaxial Planar Pin Diode for Antenna Switching
|
Renesas Electronics Corporation
|
|