PART |
Description |
Maker |
XKR24440 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
XKA90440 XKA20420 XKA20421 XKA70420 XKA70440 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
XKD10306 XKD70306 XKD10120 XKD90306 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
DR48D30 DR48D25-21 DR48A25 DR48A25-22 DR48R25 |
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies Incorporated.
|
3RP1505-1AQ30 3RP1525-1AQ30 3RP1525-1BQ30 3RP1525- |
MULTI-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT ON-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT Multifunction Solid State DIN Mount Time Delay Relay Multifunction Solid State DIN Mount Time Delay Relay
|
Ecliptek, Corp. Tyco Electronics
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
MS11-CMX MS11-CMX60D10 MS11-CMX100D6 MS11-CX2405A |
RELAY SSR SPST-NO 60VDC 10A DIN TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 3 -10 Amp 0-200 Vdc DC Output
|
Crydom, Inc. Crydom Inc.,
|
PSBDIN30D241000 PSBDIN30D241600 PSBDIN30D242500 PS |
DIN Ready Solid State Relay DIN Ready Solid State Relay
|
Powersem GmbH
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
AQV454 AQV454AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|