PART |
Description |
Maker |
LTC1046 LTC1046C LTC1046CN8 LTC1046CS8 LTC1046I LT |
“Inductorless?5V to 5V Converter “Inductorless 5V to 5V Converter “Inductorless” 5V to 5V Converter Programmable Logic Controller; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No “Inductorless5V to 5V Converter “Inductorless?/a> 5V to 5V Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
BZY97-C12 BZY97-C11 BZY97-C68 BZY97-C13 BZY97-C15 |
CONVERTER DC-DC 10W 24V/15V DUAL CONVERTER DC-DC 10W 48V/3.3V SGL CONVERTER DC-DC 10W 48V/5V SGL CONVERTER DC-DC 1W 5V/12V DUAL CONVERTER DC-DC 12W 5V/15V DUAL 稳压二极 CONVERTER DC-DC 12W 5V/5V SGL 稳压二极 CONVERTER DC-DC 10W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 10W 48V/5V DUAL 稳压二极 CONVERTER DC-DC 15W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 6W 5V/5V SGL 稳压二极 CONVERTER DC-DC 6W 5V/12V SGL 稳压二极 CONVERTER DC-DC 20W 12V TRIPLE CONVERTER DC-DC 12W 5V/5V DUAL ZENER DIODES
|
http:// GE[General Semiconductor] GE Security, Inc.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
LC-128B LC128B |
DC-DC CONVERTER??IN??/td>
| - DC-DC CONVERTER〈PIN〉
|
SUMIDA[Sumida Corporation]
|
5962-8866905XX 5962-8866905ZX 5962-8866901XX 5962- |
12-Bit A/D Converter with 3-State Binary Outputs 3 1/2 Digit A/D Converter x9 Asynchronous FIFO X9热卖异步FIFO
|
Avago Technologies, Ltd.
|
NJU7660 NJU7660D NJU7660M NJU7660V NJU7660MTE1 |
SWITCHED CAPACITOR CONVERTER, 5 kHz SWITCHING FREQ-MAX, PDSO8 VOLTAGE CONVERTER
|
NJRC[New Japan Radio]
|
BD7685FJ-LBE2 BD7683FJ-LBE2 BD7684FJ-LB |
Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
|
ROHM
|
M62354AGP |
SERIAL INPUT LOADING, 8-BIT DAC, PDSO16 8bit 6ch D-A converter with buffer8bit 8ch D-A converter with buffer
|
Mitsubishi Electric Corporation
|
AL8811M8-13 AL8811 |
UNIVERSAL DC/DC CONVERTER Boost/Buck/Inverting DC-DC CONVERTER
|
Diodes Incorporated
|
KAWD-1205 KAWD-1212 KAWD-1215 KAWD-2405 KAWD-2412 |
DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|
AD636J AD636JD AD636JH AD636 AD636K AD636KD AD636K |
DIODE SCHOTTKY SINGLE 50V 333mW 0.41V-vf 15mA-IFM 1mA-IF 0.2uA-IR SOD-123 3K/REEL RMS TO DC CONVERTER, 0.1 MHz, CDIP14 Low Level/ True RMS-to-DC Converter Low Level, True RMS-to-DC Converter
|
Analog Devices, Inc. AD[Analog Devices] http://
|