PART |
Description |
Maker |
STP80NF55-06 STB80NF55-06-1 STB80NF55-06T4 STB80NF |
N-channel 55V - 0.005Ω - 80A - TO-220 /FP - I2PAK - D2PAK STripFET?/a> II Power MOSFET N-channel 55V - 0.005Ω - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET N-channel 55V - 0.005ヘ - 80A - TO-220 /FP - I2PAK - D2PAK STripFET⑩ II Power MOSFET 80 A, 55 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
STMicroelectronics
|
STP80NF55-06FP STP80NF55-06 6737 |
N - CHANNEL 55V - 0.005 - 80A TO-220/TO-220FP STripFET TM POWER MOSFET From old datasheet system N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB85NF55 STP85NF55 |
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET?/a> II POWER MOSFET N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 55V - 0.0062 OHM - 80A D2PAK/TO-220 STRIPFET II POWER MOSFET
|
http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP80NF55L-06 |
N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STP80NF55-07 |
N-Channel 55V-0.0055Ω-80A- TO-220 STripFET Power MOSFET(N沟道功率MOSFET)
|
意法半导
|
STB80NF55L-06 STB80NF55L-06T4 STP80NF55L-06 |
80 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-CHANNEL 55V - 0.005 OHM - 80A D2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.005 OHM - 80A D2PAK/TO-220 STRIPFET II POWER MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
STP80NF55L-06 STB80NF55-06 STP80NF55-06 STP80NF55- |
N-CHANNEL 55V - 0.005 OHM - 80A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET N-CHANNEL 55V - 0.005 OHM - 80A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET
|
ST Microelectronics STMicroelectronics
|
STU60N55F3 STP60N55F3 STF60N55F3 STD60N55F3 60N55F |
N-channel 55V - 6.5mohm - 80A - DPAK - IPAK - D2PAK - TO-220/FP STripFET TM Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRF5Y3205CM |
55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 55V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
|
IRF[International Rectifier]
|
FDB035AN06F085 FDB035AN06A012 |
N-Channel PowerTrenchMOSFET 60V, 80A, 3.5m N-Channel PowerTrench? MOSFET 60V, 80A, 3.5mΩ
|
Fairchild Semiconductor
|
FDP047AN08 FDP047AN08A0 |
N-Channel PowerTrench MOSFET 75V/ 80A/ 4.7m N-Channel UltraFET Trench MOSFET 75V, 80A, 4.7mз N-Channel UltraFET Trench MOSFET 75V/ 80A/ 4.7m N-Channel UltraFET ?Trench MOSFET 75V, 80A, 4.7mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF5NJ5305 IRF5NJ5305SCX |
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 22 A, 55 V, 0.065 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-55V/ Rds(on)=0.065ohm/ Id=-22A*) SURFACE MOUNT (SMD-0.5) 55V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-22A*) -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|