PART |
Description |
Maker |
MC1496F MC1496 MC1596 MC1596N MC1596F MC1496N |
30V; 10mA; balanced modulator/demodulator. For suppresed carrier and amplitude modulation, synchronous detection, FM detection, phase detection, sampling, single sideband, frequency doubling BALANCED MUDULATOR/DEMODULATOR
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
N4376B |
20 GHz and 26.5 GHz Single-Mode Lightwave Component Analyzer
|
Agilent(Hewlett-Packard)
|
MAFR-000514-000001 |
Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz
|
M/A-COM Technology Solutions, Inc.
|
MAFR-000430-000001 |
Single Junction Drop-In Isolator 2.7 GHz-3.1 GHz
|
M/A-COM Technology Solutions, Inc.
|
MAFR-000232-000001 |
Single Junction Drop-In Isolator 3.3 GHz-3.4 GHz
|
M/A-COM Technology Solutions, Inc.
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
ATR2406 ATR2406-PNQG ATR2406-DEV-BOARD ATR2406-PNS |
The ATR2406 is a single chip RF-transceiver intended for applications in the 2.4 GHz ISM band. The QFN32 packaged IC is a complete ... LOW IF .4 GHZ ISM TRANSCEIVER
|
ATMEL[ATMEL Corporation]
|
AF002N2-32 |
GaAs IC 15 dB Voltage Variable Attenuator Single Control DC? GHz GaAs IC 15 dB Voltage Variable Attenuator Single Control DC-2 GHz LJT 41C 41#16 PIN WALL RECP
|
http:// Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
SW90-0001 SW90-0001TR SW90-0001-TB |
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz 砷化镓聚苯乙烯开关,吸收,单电源,直 4千兆 DC-4 GHz, GaAs SPST switch, absorptive, single supply
|
Tyco Electronics MA-Com
|
TC3741 |
9.5 10.5 GHz 2W Single Bias MMIC
|
Transcom, Inc.
|