PART |
Description |
Maker |
PS2K4-09 PS2K4-12 PS2K4-15 PS2K4-24 PS2K4-48 PS2K4 |
With PFC 2400 Watt Single Output AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
PSRL5016U4 PSRL5016U4-12 PSRL5016U4-18 PSRL5016U4- |
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
PSPRL9802 PSPRL9802SA PSPRL9802SB PSPRL9802SC PSPR |
Active PFC 200 Watt Single Output AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
PSSP200-48 PSSP200 PSSP200-12 PSSP200-13.5 PSSP200 |
Single Output 200 Watt with PFC Function AC/DC Switching Power Supply
|
Wall Industries,Inc.
|
PSSP-75-12 PSSP-75-24 PSSP-75-3.3 PSSP-75-7.5 PSSP |
75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
|
Wall Industries,Inc. http://
|
PSRL0402-I PSRL0402X-48I PSRL0402X-18I PSRL0402X-0 |
400 Watt with Airflow Forced Current Sharing Series Single Output Medical Approved AC/DC Switching Power Supply with Active PFC
|
Wall Industries,Inc.
|
RACV30-12 |
30 Watt PFC Single CV
|
Recom International Power
|
RACD60-1650A RACD60-1200A RACD60-4200A RACD60-1050 |
60 Watt PFC Single Output
|
Recom International Pow...
|
CBL-2FT-NMNM CBL-2FT-SMNM CBL-2FT-SMSM CBL-3FT-NMN |
Coaxial-Flex Test Cables 50?/a> DC to 18 GHz Coaxial-Flex Test Cables 50 DC to 18 GHz AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 24, Max Output Current(A): 10.4, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 5, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50з DC to 18 GHz 同轴电缆弯曲试验电缆50зDC8千兆 AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 3.3, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25??C to 70??C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50蟹 DC to 18 GHz
|
http:// Mini-Circuits
|
DRP-480-24 DRP-480-48 DRP-480S |
480W Single Output Industrial DIN RAIL with PFC Function(PFC function for DRP-480 only)
|
Astrodyne Corporation
|
RTS-123.3 RTS-093.3 RTS-243.3 RTD-0505 RTD-0509 RT |
2 Watt SMD Single & Dual Output 2瓦特贴片 Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-26 2 Watt SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|