PART |
Description |
Maker |
AD7391 AD7391ARU AD7390 AD7390AN |
3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
|
AD[Analog Devices]
|
LTC1427-50 LTC1427CS8-50 14275 |
From old datasheet system Micropower, 10-Bit Current Output DAC with SMBus Serial Interface Micropower/ 10-Bit Current Output DAC with SMBus Serial Interface
|
LINER[Linear Technology]
|
LTC1863L LTC1867L |
Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
|
linear
|
LTC1446LIN8 LTC1446LIS8 LTC1446LCS8TR LTC1446LIS8T |
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8 Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8 Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Linear Technology, Corp.
|
LTC1660 1660I |
Micropower Octal 10-Bit DAC From old datasheet system
|
Linear
|
LTC1096 LTC1096AC LTC1096ACN8 LTC1096ACS8 LTC1096A |
From old datasheet system Micropower Sampling 8-Bit Serial I/O A/D Converters
|
LINER[Linear Technology]
|
LT1098 LT1098L LT1096 LT1096L |
(LT1096 / LT1098) Micropower Sampling 8-Bit Serial I/O A/D Converters
|
Linear
|
LTC1426 LTC1426I LTC1426IS8 LTC1426C LTC1426CMS8 L |
From old datasheet system Micropower Dual 6-Bit PWM DAC
|
LINER[Linear Technology]
|
LTC1329-10 LTC1329-50 LTC1329A-50 LTC1329ACS8-50 L |
Micropower 8-Bit Current Output D/A Converter From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1285 LTC1285CN8 LTC1285CS8 LTC1288 LTC1288CN8 L |
From old datasheet system 3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
|
LINER[Linear Technology]
|