PART |
Description |
Maker |
LT3430 LT3430IFE LT3430EFE |
High Voltage, 3A, 200kHz Step-Down Switching Regulator High Voltage/ 3A/ 200kHz Step-Down Switching Regulator High Voltage 3A 200kHz Step-Down Switching Regulator 60V, 3A, 200kHz Step-Down Switching Regulator
|
LINER[Linear Technology]
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
LT3437EFE LT3437IFE LT3437EFEPBF LT3437EDDTR |
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT1576 |
1.5A, 200kHz Step-Down Switching Regulator(可调输出.5A, 200kHz,步降开关稳压器)
|
Linear Technology Corporation
|
EUP3453 |
3A,40V,200KHz Step-Down Converter
|
Eutech Microelectronics Inc
|
LT1766 LT1766-5 LT1766EFE LT1766EFE-5 LT1766EGN LT |
5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINER[Linear Technology]
|
MIC4576 MIC4576-3.3BT MIC4576-3.3BU MIC4576-5.0BT |
200kHz Simple 3A Buck Voltage Regulator
|
MICREL[Micrel Semiconductor]
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
EUP3490 |
3A,40V,200KHz Step-Down Converter
|
Eutech Microelectronics...
|
PG2126 PG2118 PG2119 PG2007 PG2017 PG2036 PG2085 P |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | TO-66 Photoflash Capacitor Chargers with Automatic Refresh; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 2A I(C) | TO-66 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 2A I(C) | TO-46 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 140V V(BR)CEO | 2A I(C) | TO-5 High Voltage, 3A, 200kHz Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 2A I(C) | TO-5 晶体管|晶体管|进步党| 120伏特五(巴西)总裁|甲一(c)| TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 2A I(C) | TO-46 晶体管|晶体管|进步党| 60V的五(巴西)总裁|甲一c)|的TO - 46 High Voltage, 3A, 200kHz Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 晶体管|晶体管|进步党| 140伏特五(巴西)总裁|甲一(c)|6 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 2A I(C) | TO-46 晶体管|晶体管|进步党| 60V的五(巴西)总裁|甲一(c)|的TO - 46 700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 2A I(C) | TO-66 TRANSISTOR | BJT | PNP | 140V V(BR)CEO | 2A I(C) | TO-66
|
Fujitsu, Ltd. Electronic Theatre Controls, Inc. Zarlink Semiconductor, Inc.
|
BD9012KV BD9012KV-E2 |
Dual-output, high voltage, high-efficiency step-down switching controller
|
Rohm
|
IL700D IL235Z |
HIGH VOLTAGE HIGH-FREQUENCY STEP-UP SWITCHING REGULATOR-CONTROLLER
|
INTEGRAL JOINT STOCK COMPANY INTEGRAL[Integral Corp.]
|