PART |
Description |
Maker |
LT1640L1 LT1640HCS8TRPBF LT1640HCN8PBF LT1640LIS8 |
Negative Voltage Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Negative Voltage Hot Swap Controller
|
Linear Technology, Corp.
|
LTC4252-1IMSTR LTC4252-2IMSTR LTC4252A-1IMSTR LTC4 |
Negative Voltage Hot Swap Controllers
|
Linear Technology
|
LTC4261CUFD-2 LTC4261IUFD-2 LTC4261IGN LTC4261IGN- |
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
|
Linear Technology
|
LT1640 LT1640H LT1640HCN8 LT1640HCS8 LT1640HIN8 LT |
Negative Voltage Hot Swap Controller 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT1640ALIS8 LT1640AHCN8 LT1640ALIN8 LT1640AHIS8 LT |
Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
LM5067MM-1 LM5067MW-1 |
Negative Hot Swap / Inrush Current Controller with Power Limiting
|
http://
|
X221 X251 X252 X222 X242 X253-883B X211 X211-883B |
X200 Series CMOS ; Output Voltage Max:280Vrms; Load Current Max:6A; Switching:Zero Cross RoHS Compliant: Yes Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Random; Leaded Process Compatible:Yes RoHS Compliant: Yes Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low X200 SERIES (CMOS) STANDARD SPECFITIONS X200系列(CMOS)技术标准SPECFITIONS
|
List of Unclassifed Man... List of Unclassifed Manufacturers N.A. ETC[ETC] Electronic Theatre Controls, Inc. Xsis Electronics
|
AM27C800-120DC AM27C800-120DCB AM27C800-120DE AM27 |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C x8/x16存储 x8/x16 EPROM x8/x16存储 Dual Hot Swap Controller/Power Sequencer with Dual Speed, Dual Level Fault Protection; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 -48V Hot Swap Controller with Sequencer; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C x8/x16存储 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C x8/x16存储 x8/x16EPROM
|
Advanced Micro Devices, Inc. Molex, Inc. Rochester Electronics, LLC 3M Company Macronix International Co., Ltd. Analog Integrations, Corp. Analog Devices, Inc.
|
MIC2589 MIC2589-1BM MIC2589-2BM MIC2589R-1BM MIC25 |
Replaced by PTH05060W : 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14 SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
|
Motorola Mobility Holdings, Inc. Micrel Semiconductor,Inc.
|
LTC4251 LTC4251-1CS6TR |
Negative Voltage Hot Swap Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|