PART |
Description |
Maker |
SA5211 SA5211D |
Transimpedance amplifier 180MHz
|
NXP Semiconductors N.V.
|
Z9953AA Z9953 IMIZ9953 IMIZ9953AA |
Clocks and Buffers : Clock Distribution 3.3V, 180MHz, Multi-Output Zero Delay Buffer
|
Cypress Semiconductor
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
LTC6247IKCTRMPBF LTC6247IKCTRPBF LTC6247CKC LTC624 |
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 10-Lead MSOP, Temperature Range: 0°C to 70°C, Tape and Reel DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO10 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 8-Lead MSOP, Temperature Range: 0°C to 70°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO8 180MHz, 1mA Power Efficient Single Rail-to-Rail I/O Op Amps, 6-Lead SOT, Temperature Range: –40°C to 125°C, Tape and Reel OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO6 180MHz, 1mA Power Efficient Dual Rail-to-Rail I/O Op Amps, 8-Lead SOT, Temperature Range: –40°C to 125°C, Tape and Reel DUAL OP-AMP, 3000 uV OFFSET-MAX, 180 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
S3LP507L S3LP807L S3LP156L S3HP807L S3HP156L S3HP1 |
Surface Mount LC Filters High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 30 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 800 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 300 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 60 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 500 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 15 MHz, HIGH PASS FILTER LC filter, low pass, SMT, RoHS 1000 MHz, LOW PASS FILTER
|
Coilcraft lnc. http:// Coilcraft, Inc.
|
MX316LH MX316 MX316P MX316J |
SWITCHED CAPACITOR FILTER, LOWPASS, PQCC24 NMT Audio Filter Array Analog Filter 模拟滤波
|
CML MICROSYSTEMS PLC CMLMICRO[CML Microcircuits]
|
X20061RS X20061RS-15 XF20061RS |
10BASE-T FILTER 10Bose-T FILTER 10 BASE T FILTER
|
XFMRS Inc.
|
GUS-QS24M-330-K-330-M GUS-QS24M-330-K-121-K GUS-TS |
RC NETWORK, T-FILTER, 33ohm, 0.000033uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 33ohm, 0.00012uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 82ohm, 0.000082uF, SURFACE MOUNT, TSSOP-24 RC NETWORK, T-FILTER, 39ohm, 0.000033uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 33ohm, 0.000039uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 15ohm, 0.000015uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 15ohm, 0.000015uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 22ohm, 0.000056uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 56ohm, 0.0002uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 39ohm, 0.000056uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 56ohm, 0.000034uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 56ohm, 0.000068uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 12ohm, 0.00001uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 12ohm, 0.000034uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 10ohm, 0.00018uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 10ohm, 0.00001uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 33ohm, 0.00001uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 33ohm, 0.000033uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 33ohm, 0.000015uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 47ohm, 0.000033uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 56ohm, 0.00012uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 18ohm, 0.0001uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 39ohm, 0.0002uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 100ohm, 0.000033uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 10ohm, 0.0001uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 100ohm, 0.00015uF, SURFACE MOUNT, QSOP-24
|
INTERNATIONAL RESISTIVE CO INC
|
LTC1264-7CSW LTC1264-71 LTC1264-7CSWTR LTC1264-7CN |
SWITCHED CAPACITOR FILTER, BESSEL, LOWPASS, PDIP14 High Speed, Quad Universal Filter Building Block; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR FILTER, BESSEL, LOWPASS, PDSO16 Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
AMH461 AMH461Y/CH |
1 FUNCTIONS, DATA LINE FILTER Hybrid - High Reliability EMI Filter
|
International Rectifier
|
4253-003 |
EMI/RFI FILTER Bushing #12 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
|