PART |
Description |
Maker |
DP80C51 |
Pipelined High Performance 8-bit Microcontroller
|
Digital Core Design
|
DP80390XP03 DP80390XP |
Pipelined High Performance 8-bit Microcontroller ver 3.10
|
Digital Core Design
|
DP805103 |
Pipelined High Performance 8-bit Microcontroller ver 3.10
|
Digital Core Design
|
DP8039003 |
Pipelined High Performance Microcontroller Instructions set details ver 3.10
|
Digital Core Design
|
EP610LI-35 EP610LI-30 EP610LC-20 EP610LC-25 EP610D |
High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
|
Rochester Electronics
|
HSMH-C220 HSMA-C220 HSMD-C220 HSML-C220 HSMS-C220 |
Agilent HSMH-C220 High Performance ChipLED Agilent HSMA-C220 High Performance ChipLED Agilent HSMD-C220 High Performance ChipLED 安捷伦HSML - C220高性能采用的ChipLED 安捷伦硬件安全模 C220高性能采用的ChipLED 安捷伦HSMY - C220高性能采用的ChipLED Agilent HSMG-C220 High Performance ChipLED 安捷伦HSMG - C220高性能采用的ChipLED Agilent HSMS-C220 High Performance ChipLED
|
Sanken Electric Co., Ltd.
|
IDT70V9189L9PFI IDT70V9179L12PFI IDT70V9179L6PFI I |
64K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
IDT70V9269S IDT70V9269 IDT70V9269L IDT70V9269L12PR |
From old datasheet system 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.3 16K的16 SYNCHRONOU?流水线双端口静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT709269S12PF IDT709269S12PFI IDT709269S9PFI IDT7 |
From old datasheet system HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 16K x 16 Sync, Dual-Port RAM, PipeLined/Flow-Through
|
IDT[Integrated Device Technology]
|
ATF1508AS ATF1508AS-10AC100 ATF1508AS-10JC84 ATF15 |
High performance EE PLD, 100MHz High Performance E2 PLD High performance EE PLD, 166.7MHz
|
ATMEL[ATMEL Corporation]
|
CY37512P256-100BGC CY37512P256-83BGI CY37032P44-15 |
5V, 3.3V, ISR??High-Performance CPLDs 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQCC44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP100 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 6 ns, PQCC44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQCC84 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 6 ns, PQFP44 5V/ 3.3V/ ISR High-Performance CPLDs 5V, 3.3V, ISR?/a> High-Performance CPLDs 5V, 3.3V, ISR High-Performance CPLDs 5V, 3.3V, ISR?High-Performance CPLDs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. http://
|
|