PART |
Description |
Maker |
3GPF8-B-80M-60.000 3GPF8G-B-80M-60.000 3GPF8-A-80M |
8 pin DIL VCXO
|
EUROQUARTZ limited
|
EM15GT33-32.768K-2.5 VEM15GT33-32.768K-2.5-30 VEM1 |
TCXO, CLOCK, 0.032768 MHz, HCMOS OUTPUT ROHS COMPLIANT, DIL-14/4 HCMOS 14 pin DIL, kHz Range
|
Euroquartz, Ltd. EUROQUARTZ limited
|
EM39GT33-32.768-2.5-30 EM39GT5-32.768-2.5-30 VEM39 |
TCXO, CLOCK, 0.032768 MHz, HCMOS OUTPUT ROHS COMPLIANT, DIL-14/4 HCMOS 14 pin DIL compatible, kHz Range
|
Euroquartz, Ltd. EUROQUARTZ limited
|
AXIS45 |
Wideband VCXO in double-sealed DIL package Direct replacement of Fujitsu M2 (F100)
|
Advanced XTAL Products
|
M22-5320205 M22-5320246 M22-5322546 M22-5322505 M2 |
2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY 2.00mm Pitch DIL Vertical SMT Pin Header, gold, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 2.00mm Pitch DIL Vertical SMT Pin Header, tin, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
3GS14-A-80M-25.000 3GS14-A-80T-25.000 3GS14-B-80M- |
VCXO, SINE OUTPUT, 10 MHz - 156 MHz 14 pin Dual-inLine Sine Wave VCXO
|
EUROQUARTZ LTD EUROQUARTZ limited
|
GDA14 |
14 pin DIL
|
EUROQUARTZ limited
|
M20-E050445 |
2.54mm Pitch DIL Vertical PC Tail Pin Header, 6mm mating pin height, gold (hi-temp mould), 4 4-way 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
3GPF14-B-150M-60.000 3GPF14-A-150N-60.000 3GPF14-B |
VCXO, CLOCK, 60 MHz, LVPECL OUTPUT DIL-14/4 VCXO, CLOCK, 38 MHz, LVPECL OUTPUT
|
Euroquartz, Ltd. EUROQUARTZ LTD
|
EMV38GT EV38GT33-200.00-2.5-30 VEV38GT33-200.00-2. |
TCXO, CLOCK, 65.536 MHz, HCMOS OUTPUT ROHS COMPLIANT, DIL-14/4 TCVCXO, CLOCK, 30 MHz, HCMOS OUTPUT ROHS COMPLIANT, DIL-14/4 TCXO, CLOCK, 40 MHz, HCMOS OUTPUT ROHS COMPLIANT, DIL-14/4 TCXO, CLOCK, 32.768 MHz, HCMOS OUTPUT ROHS COMPLIANT, DIL-14/4 TCXO, CLOCK, 30 MHz, HCMOS OUTPUT ROHS COMPLIANT, DIL-14/4 HCMOS 14 pin DIL compatible, V Group
|
Amphenol, Corp. Euroquartz, Ltd. EUROQUARTZ limited
|
EV14GT33-200.00-2.5-30 VEV14GT33-200.00-2.5-30 VEV |
HCMOS 14 pin DIL, V Group
|
EUROQUARTZ limited
|
|