PART |
Description |
Maker |
1N5827R |
High Power Schottky Rectifiers - DO5 Stud Devices
|
America Semiconductor
|
1N6097R 1N6098R |
High Power Schottky Rectifiers - DO5 Stud Devices
|
America Semiconductor
|
FR85DR05 FR85B05 FR85GR05 FR85BR05 FR85JR05 |
High Power Fast Recovery Rectifiers - DO5 Stud Devices
|
America Semiconductor
|
FR70KR05 FR70M05 FR70MR05 FR70K05 |
High Power Fast Recovery Rectifiers - DO5 Stud Devices
|
America Semiconductor
|
FR40J05 FR40GR05 FR40JR05 FR40D05 FR40BR05 |
High Power Fast Recovery Rectifiers - DO5 Stud Devices
|
America Semiconductor
|
MUR5040 MUR5040R MUR5060R |
High Power Super Fast Recovery Rectifiers - DO5 Stud Devices
|
America Semiconductor
|
SET040203 SET040204 SET040219 SET040212 SET040211 |
DO4 STUD HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY
|
Semtech Corporation
|
70TR40 70TR140 70TR10 70TR100 70TR160 70TR120 70TR |
70 Amp GPP PASSIVATED STUD POWER DIODE High Current Capability
|
First Components International
|
X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X40 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 DIODE, STUD 95A 1200VDIODE, STUD 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Catho THYRISTOR, CAPSULE 600ATHYRISTOR, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length / Thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
NPIT25 |
Press Fit Isolated Stud Mount Triac, 25 Amps
|
Naina Semiconductor ltd.
|
NPIT30 |
Press Fit Isolated Stud Mount Triac, 30 Amps
|
Naina Semiconductor ltd.
|
7B39-02 7B39-01 |
Isolated Current Output Signal Conditioning Module Isolated, Process Current Output
|
Analog Devices
|