PART |
Description |
Maker |
ESS RWR89Z EGN-10-10 EGN-10-80 EGN-1-10 EGN-1-80 E |
Wirewound Resistors, Military/Established Reliability Military/Established Reliability, MIL-R-39007 Qual., Type RWR, R Level, Meets Solvent Resistance of MIL-STD-202 (Method 215), 100% Power Stabilization and Screening Test (RWRxxx) Wirewound Resistors Military/Established Reliability RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 909 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 931 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
http:// VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
G-1-80 G-1-380 G-5C G-10 G-3-380 G-3-80 |
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
|
Vishay Siliconix
|
RH00515R00125AE01 RH00515R00125AE02 RH00515R00125B |
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
|
Vishay Siliconix
|
LVR017L000FE03L031 LVR017L000GE03L031 LVR017L000HE |
Wirewound Resistors, Precision Power, Low Value, Commercial, Military, MIL-PRF-49465 Type RLV, Axial Lead
|
Vishay Siliconix
|
GN0012R200BB1280 G0101R000JS7333 G0011K500FE7380 G |
Res Wirewound 2.2 Ohm 0.1% 1W ±50ppm/C Ceramic Hi Temp Sil AXL Thru-Hole Bulk 10W,1OHM,5%,T/R - Tape and Reel G, GN Wirewound Resistors, Miniature, Industrial, Precision Power, Silicone Coated, Axial Lead VISGN003R3300FE7080 GN-3-80 .33 1% E70 E
|
Vishay Dale
|
PAC100005008FA1000 PAC04 PAC06 PAC05 PAC03 PAC02 P |
WIREWOUND,5,1%,A1,AMMO - Ammo Pack Cemented Wirewound Precision Resistors Wire Wound Resistor, RESISTOR, WIRE WOUND, 3 W, 1 %, 22 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, GREEN WIREWOUND,500,1%,A1,AMMO - Ammo Pack
|
Vishay Draloric Vishay Siliconix
|
KNP-1_2W KNP KNP-1W KNP-1/2W KNP-2W KNP-8W |
WIREWOUND RESISTORS
|
Willow Technologies Ltd Willow Technologies Limited
|
RWR78N49R9BPS73 RWR78N49R9BPS70 RWR71S49R9DMS73 RW |
Wirewound Resistors
|
Vishay
|
102 SM-9 SP5232 SM-4 SM-8 SM-3 106 100 120 SM-12 S |
Precision Wirewound Resistors
|
Riedon Powertron
|
RP15W101JB RP4W101JB RP2W101JB RP2W101JT RP2W101FB |
POWER WIREWOUND RESISTORS
|
List of Unclassifed Manufacturers ETC[ETC]
|
AC03 AC15 |
Cemented wirewound resistors 硬质合金线绕电阻
|
NXP Semiconductors N.V.
|
RW69V1R0F RW69V49R9F |
(T Series) Power Wirewound Resistors
|
International Resistive
|
|