PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|
LC66506 LC66506B LC66P516 LC66354B LC66356B LC6635 |
4-BIT, MROM, 4.3 MHz, MICROCONTROLLER, PDIP64 6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4/ 6/ and 8 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
GMS34140T GMS34004T GMS34112T GMS34112TK |
Program memory:1024 bytes, 300KHz-500KHz, 4-5 V, 4 BIT single chip microcomputer 4-BIT SINGLE CHIP MICROCOMPUTERS
|
HYNIX[Hynix Semiconductor]
|
PD705100GJ-100-8EU UPD705100GJ-100-8EU |
32 Bit Single Chip Microprocessor(32 位单片微处理 32-BIT, 100 MHz, RISC PROCESSOR, PQFP144 32 Bit Single Chip Microprocessor(32 浣????井澶????
|
NEC Corp.
|
C161K SAF-C161K-L25M SAF-C161K-LM SAB-C161K-L25M S |
(C161O) 16-Bit Single-Chip Microcontroller CONNECTOR ACCESSORY 16-Bit Single-Chip Microcontroller 16位单片机 16-BIT, 25 MHz, MICROCONTROLLER, PQFP80 16-Bit CMOS Microcontroller
|
Infineon Technologies A... Infineon Technologies AG
|
H838602R H8/38600R H8/38602R HD64338602R HD64F3860 |
Renesas 16-Bit Single-Chip Microcomputer 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
|
Renesas Electronics Corporation
|
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|
3819GROUP E3819G M38198EC-XXXFP M38198MC-XXXKP M38 |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer From old datasheet system Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|