PART |
Description |
Maker |
56.301.4053.0 56.303.9353.0 07.312.5053.0 07.312.5 |
APC 1-2 5 D2./E. BLUE APC 1-2 5 D2./E. GREEN APC 1-2 5 GREEN APC 1-2 5 BLUE TWC 1-2 5 BLUE TWC 1-2 5 D2./E BLUE WKC 1 D1/2/SL/35 WKC 1 /35 BLUE WKC 1 TKM/35 BLUE WKC 1 D1/2/35 BLUE WKC 1 D2/2/35 BLUE WKC 1 E/35 WKC 1 SL/35 WKC 2 5 TKM/35 BLUE WKC 2 5 D2/2/SL/35 WKC 2 5 D2/2/35 BLUE WKC 2 5 D1/2/35 BLUE APC 1 5-2 5 D1./TK. BL TWC 1 5-2 5 D1. BLUE WKC 2 5 E/35 APC 1 5-2 5 D1./TK. GR WKC 2 5 D1/2/SL/35 外开 5 D1/2/SL/35 WKC 2 5 /35 BLUE 外开 5 / 35 WKC 1 TKG/35 外开1 TKG/35 WKC 2 5 SL/35 外开 5 SL/35 ADC 1 YELLOW ADC1
|
Dialight PLC HIROSE ELECTRIC Co., Ltd. Fujitsu, Ltd. Stackpole Electronics, Inc.
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
L200CWRBGB1K-4C-IL |
T-1 3/4 TRIPLE COLOR LED, SUPER RED/BLUE GREEN/BLUE, 5 mm L200CWRBGB1K-4C-IL
|
LEDTRONICS INC LEDTRONICS, INC
|
Q65110-A0273 LBE67C LBE67C-P2Q2-35 LBE67C-Q2S1-35 |
Power TOPLED verde, colorless clear... Power TOPLED true green, colorless ... Power TOPLED blue, colorless clear,... Power TOPLED? verde, colorless clear... Power TOPLED? true green, colorless ... Power TOPLED㈢ Enhanced optical Power LED (ATON㈢) Power TOPLED? Enhanced optical Power LED (ATON?)
|
Infineon OSRAM[OSRAM GmbH] http://
|
QUICK-WIREFOX-18 |
Stripping pliers, for standard insulation such as PVC and PE, stripping range: 4 to 16 mm2, can cut wires up to 6 mm2 stranded and 4 mm2 solid
|
PHOENIX CONTACT
|
SD200-12-22-241 |
Blue Enhanced Silicon Photodiode
|
Advanced Photonix, Inc.
|
PDB-C109 |
Blue Enhanced Photoconductive Silicon Photodiode
|
List of Unclassifed Manufacturers ETC
|
PDB-V110 |
Blue Enhanced Photovoltaic Silicon Photodiode
|
List of Unclassifed Manufacturers ETC
|
BL-PMHGB-GJB-C70 BL-PMRTB-CJB-C10 BL-PMHGB-GJB-C10 |
TRIPLE COLOR LED, HYPER RED/GREEN/BLUE, 2.4 mm PLASTIC, LCC-4 TRIPLE COLOR LED, RED/TRUE GREEN/BLUE, 2.4 mm PLASTIC, LCC-4 DUAL COLOR LED, RED/GREEN, 2.4 mm
|
American Bright Optoelectronics, Corp. AMERICAN BRIGHT OPTOELECTRONICS CORP
|