PART |
Description |
Maker |
MPC8347EA MPC8347 MPC8347A MPC8347E |
Integrated Host Processor Hardware Specifications
|
Freescale Semiconductor, Inc
|
TEA5880TS |
Integrated FM stereo radio IC for host processor tuning
|
philips
|
HCC40107BDG HCC4017BDG HCC4017BDT HCC4027BDG HCC40 |
Rad-hard dual 2-input NAND buffer/driver Rad-hard decade counter/divider Rad-hard dual J-K master-slave Flip-Flop Rad-hard triple 3-input NAND gate Rad-hard 4-bit magnitude comparator Rad-hard triple 3-input AND gate Rad-hard hex buffer 3-state non-inverter Rad-hard hex schmitt trigger Rad-hard hex inverting buffer/converter Rad-hard hex inverter
|
ST Microelectronics
|
MPC7410 |
Host Processor
|
Freescale (Motorola)
|
BWR-12/125-D12 BWR-12/125-D48 BWR-5/250-D48 BWR-15 |
Rad-hard hex buffer/converter Rad-hard triple 3-input NOR gate Rad-hard quad D-type flip flop with clear Rad-hard 4 bit synchronous up/down counters 型DC - DC电压转换
|
Ohmite Mfg. Co.
|
AT697F AT697F-2H-E AT697F-KG-E |
Rad-Hard 32 bit SPARC V8 Processor
|
ATMEL Corporation
|
AT697E-2H-E AT697E-2H-SV AT697E-KG-E AT697E-KG-MQ |
Rad-Hard 32 bit SPARC V8 Processor
|
ATMEL Corporation
|
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
MPC8548ECHXATHA MPC8548EHXATHA MPC8548ECVUATHA MPC |
Integrated Processor Hardware Specifications High-performance 32-bit core built on Power Architecture? technology. Integrated Processor Hardware Specifications
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
TC1232 TC1232CPA TC1232EOA713 TC1232EOE713 TC1232E |
The TC1232 is a fully-integrated processor supervisor. It provides three important functions to safeguard processor sanity: precision power on/off reset control, watchdog timer and external reset override. On power-up, the TC1232 holds the TC1232 is a fully-integrated processor supervisor. It provides three important functions to safeguard processor sanity: precision ...
|
Microchip
|
MPC8555E MPC8555EPXAJD MPC8555EPXAJE MPC8555EPXAJF |
PowerQUICC垄芒 III Integrated Communications Processor Hardware Specifications PowerQUICC⑩ III Integrated Communications Processor Hardware Specifications PowerQUICC III Integrated Communications Processor Hardware Specifications
|
FREESCALE[Freescale Semiconductor, Inc]
|