PART |
Description |
Maker |
ST777 ST777ACD ST777ACN ST778 ST778ACD ST778ACN ST |
LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS FUSE, 3A, FAST ACTING, 0603
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
R1223N332A R1223N332C R1223N332D R1223N332E R1223N |
PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 500kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 300kHz. Reset-type protection. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 300kHz. Taping specification TL 5015 RR 6#16S SKT PLUG Analog IC 模拟IC PWM/VFM Step-down DC/DC Converter SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO5 PWM/VFM Step-down DC/DC Converter 脉宽调制/ VFM的降压直直流转换 PWM/VFM Step-down DC/DC Converter SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO5 PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Reset-type protection. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 500kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Reset-type protection. Taping specification TL
|
RICOH[RICOH electronics devices division] Ricoh Co., Ltd. RICOH electronics devic...
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
AN3319 |
The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
|
STMicroelectronics
|
73LDI-4L10 73LDI-4L20 73LDI-4C10 73LDI-4C20 73LDI- |
Converter 转换 Low-Cost, 7ns, Low-Power Voltage Comparators 转换
|
Vishay Intertechnology, Inc.
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
5962-9673501HYC 5962-9673501HYA 5962-9673510HYA 59 |
4.5O/20O, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP 0.6 Ohm, Low-Voltage, Single-Supply, Dual SPDT Analog Switch Converter 转换 Low-Voltage 3.5 Ohm, SPDT, CMOS Analog Switches 转换 0.8O, Low-Voltage, 4-Channel Analog Multiplexer 转换
|
Harwin PLC Advanced Interconnections, Corp.
|
Z2803R3S Z2803R3S_EM Z2801R5S Z2801R5S_EM Z2802R5S |
Hi-Rel DC-DC Rad-Hard Single Converter in a Z package with 2.5 Vout 28V Input, Single Output LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
|
IRF[International Rectifier]
|
MC13110AFB MC13110AFTA MC13110BFB MC13110BFTA MC13 |
CONVERTER, DC/DC, 1O/P, 5W, 3.3V; Power rating:5W; DC/DC Converter O/P type:Single; Voltage, input max:36V; Voltage, input min:9V; Voltage, output UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
|
Motorola, Inc.
|
AN8086S AN8086 |
Low Voltage Operation IC for DC-DC Converter
|
PANASONIC[Panasonic Semiconductor]
|
LB1837M LB1837 |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|