PART |
Description |
Maker |
ST777 ST777ACD ST777ACN ST778 ST778ACD ST778ACN ST |
LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS FUSE, 3A, FAST ACTING, 0603
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
R1223N332A R1223N332C R1223N332D R1223N332E R1223N |
PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 500kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 300kHz. Reset-type protection. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Standard taping specification TR PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 300kHz. Taping specification TL 5015 RR 6#16S SKT PLUG Analog IC 模拟IC PWM/VFM Step-down DC/DC Converter SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO5 PWM/VFM Step-down DC/DC Converter 脉宽调制/ VFM的降压直直流转换 PWM/VFM Step-down DC/DC Converter SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO5 PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.5V. Oscillator frequency 500kHz. Reset-type protection. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 500kHz. Taping specification TL PWM/VFM step-down DC/DC converter with low supply current by CMOS. Output voltage 1.6V. Oscillator frequency 300kHz. Reset-type protection. Taping specification TL
|
RICOH[RICOH electronics devices division] Ricoh Co., Ltd. RICOH electronics devic...
|
TC7660S TC7660SEOA TC7660SEPA TC7660SMJA TC7660SCP |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER The TC7660S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding -1.5V to -12V output using only two low-cost capacitors, eliminating inductors and
|
MICROCHIP[Microchip Technology]
|
ICL7126 ICL7126CPL 1355 ICL7126CQH 7126CPL ICL7126 |
Low power, 3 1/2 digit A/D converter Low Power, 3Digit A/D Converter 低功耗,3?位的A / D转换 Low Power/ 3 Digit A/D Converter Low Power, 3? Digit A/D Converter From old datasheet system Low Power, 3 Digit A/D Converter Low Power, 3? Digit A/D Converter
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
5962-9553401HYC 5962-9553401HYA 5962-9553401HXC |
±15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches DC-to-DC Voltage Converter 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
MB39A105 MB39A105PFT |
1-ch DC/DC Converter IC for low voltage
|
Fujitsu Component Limited.
|
MB39A103 MB39A103PFT MB39A103PV3 |
4-ch DC/DC Converter IC for low voltage
|
Fujitsu Component Limited.
|
SC1631 SC1631-3CS SC1631-5CS SC1631CS |
LOW VOLTAGE STEP-UP DC-DC CONVERTER
|
SEMTECH[Semtech Corporation]
|