PART |
Description |
Maker |
AFL12005S AFL120XXS AFL12008S AFL12009S AFL12012S |
Hi-Rel DC-DC Standard Single Converter in a AFL package HIGH RELIABILITY HYBRID DC/DC CONVERTERS Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Complete SO-8, 12-Bit, 400ksps ADC with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DC to DC Converter DC至DC转换
|
IRF[International Rectifier] International Rectifier, Corp. Analog Devices, Inc.
|
MAX1084 MAX1084ACSA MAX1084AESA MAX1084BCSA MAX108 |
400ksps/300ksps / Single-Supply / Low-Power / Serial 10-Bit ADCs with Internal Reference From old datasheet system " 400ksps/300ksps, Single- Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference" 400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference 400ksps/300ksps、单电源、低功耗、串0位ADC,内置电压基
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
5962-8512702XA AD574AJP-REEL AD574AJD/ AD574AU AD5 |
Complete 12-Bit A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 Complete 12-Bit A/D Converter 完整2位A / D转换
|
Analog Devices, Inc.
|
AD7847 AD7847AN AD7847AQ AD7847AR AD7847BN AD7847B |
LC2MOS Complete, Dual 12-Bit MDACs DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Complete/ Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure
|
Analog Devices, Inc.
|
LTC1852 LTC1853 |
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
|
Linear Technology
|
LTC1852CFW LTC1852CFW-PBF LTC1852CFW-TRPBF LTC1852 |
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
|
Linear Technology
|
AD9225-EB AD9225AR |
Complete 12-Bit, 25 MSPS Monolithic A/D Converter 完整2位,25 MSPS的单片机的A / D转换 Complete 12-Bit, 25 MSPS Monolithic A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO28
|
Analog Devices, Inc.
|
LTC2344 |
16-/18-Bit, Octal 400ksps, SAR ADC
|
Linear Technology
|
MAX1064 MAX1060 MAX1064BEEG MAX1060ACEI MAX1060AEE |
"400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1090 MAX1090ACEI MAX1090AEEI MAX1092 MAX1090BCE |
400ksps / 5V / 8-/4-Channel / 10-Bit ADCs with 2.5V Reference and Parallel Interface 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|