PART |
Description |
Maker |
MPQ4456GQT |
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
|
Monolithic Power Systems
|
MPQ4460 MPQ4460DQ |
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
|
Monolithic Power Systems
|
LT3680EMSEPBF LT3680IMSEPBF LT3680EDDTRPBF |
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LTC3416 LTC3416EFE |
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking 4A, 4MHz, MonolithicSynchronous Step-DownRegulator with Tracking
|
LINER[Linear Technology]
|
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LT3685EDDTRPBF |
36V, 2A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 4.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
5962-9061709MNA 5962-9061705MRA 5962-9061704MRA 59 |
Power Drivers for Peltier TEC Modules 10-Bit, 45Msps, Full-Duplex, Analog Front-End Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-Down Regulator with POR and RSI/PFO 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Smallest 1A, 1.4MHz Step-Down Regulators x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Maxwell Technologies, Inc
|
LTC3404 LTC3404EMS8 |
1.4MHZ HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR LTC3404, 1.4MHz 600mA High Efficiency Monolithic Synchronous Step-down Regulator
|
LINER[Linear Technology]
|
AAT1112IWP-0.6-T1 AAT1112ITP-0.6-T1 AAT1112 |
1.5A, 1.4MHz Step-Down Converter
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|
RT8004QCP RT8004QQV RT8004QS RT8004PCP RT8004PQV R |
3A, 4MHz, Synchronous Step-Down Regulator
|
Richtek Technology Corporat... Richtek Technology Corporation
|
LTC3561 LTC3561EDD |
1A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
|