PART |
Description |
Maker |
ADP1111ANZ-5 ADP1111ARZ-5-REEL ADP1111ARZ-12-REEL |
Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
NCP1402 CD54-470L NCP1402SN30T1 NCP1402SN33T1 |
200 mA / PFM Step-Up Micropower Switching Regulator 200 mA/ PFM Step-Up Micropower Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
ON Semiconductor
|
LT1300 LT1300CN8 LT1300CS8 |
Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter From old datasheet system Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 0.75 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
LINER[Linear Technology] Linear Technology, Corp.
|
ST5R00 ST5R25M ST5R25U ST5R28M ST5R28U ST5R30M ST5 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER (ST5R00 Series) MICROPOWER VFM STEP-UP DC/DC CONVERTER
|
STMicroelectronics ST Microelectronics
|
FSP3603 FSP3603TCAD |
1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
|
FOSLINK SEMICONDUCTOR CO.,LTD
|
LTC3430 LT1934ES6- LT1934ES6-1 LT1934ES6 LT1934IS6 |
Micropower Step-Down Switching Regulators in ThinSOT
|
LINER[Linear Technology]
|
LT8640 |
42V, 5A Micropower Synchronous Step-Down Silent Switcher
|
Linear Technology
|
AAT1217ICA-5.0-T1 AAT1217 AAT1217ICA-1.2-T1 AAT121 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
ANALOGICTECH[Advanced Analogic Technologies]
|
AAT1217ICA-5.0-T1 AAT1217ICA-3.3-T1 AAT1217ICA-1.2 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
Advanced Analogic Technologies, Inc.
|
AAT1217ICA-5.0-T1 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter 5.0V
|
Skyworks Solutions
|