PART |
Description |
Maker |
HV583 HV583X |
128 Channel Serial to Parallel Converter with Push-Pull Outputs 128通道串行与并行转换器推式输出
|
Supertex, Inc. http://
|
SC16C850L SC16C850LIBS SC16C850LIET157 SC16C850LIB |
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT912-1 (TFBGA36); Container: Reel Pack, SMD, 7" 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Single 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT912-1 (TFBGA36); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36
|
NXP Semiconductors N.V.
|
HV513WG HV514WG |
8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect High Voltage 8-Channel Serial to Parallel Converters
|
SUTEX[Supertex Inc] Supertex, Inc
|
MAX167CCWG-T MAX192ACPP MAX186DEWP-T MAX155BCPI MA |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Low-Power, 8-Channel, Serial 10-Bit ADC 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Dual-Channel, 10-Bit, 130Msps ADC; Package: THIN QFN, 48 pin ; Temperature Range: -40°C to 85°C 2-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC48 75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Industry-Standard, 12-Bit ADC with Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
IDT72105 IDT72115 IDT72125 IDT72105L25SO IDT72105L |
CMOS PARALLEL-TO-SERIAL FIFO 256 x 16 Parallel-to-Serial FIFO, 5.0V 512 x 16 Parallel-to-Serial FIFO, 5.0V 1K x 16 Parallel-to-Serial FIFO, 5.0V
|
Integrated Device Technology, Inc. IDT
|
NJU3711 NJU3711D NJU3711M NJU3711V NJU3711MTE1 |
8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-BIT SERIAL TO PARALLEL CONVERTER 8 bit Serial to Parallel Converter
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
CAT24C01B05 CAT24C0A1JTE13 CAT24C0A1ZTE13 CAT24C01 |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 PLASTIC, DIP-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 GREEN, MSOP-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 GREEN, TSSOP-8 1K-Bit Serial EEPROM
|
3M Company Daishinku, Corp. Yageo, Corp. ON Semiconductor Cypress Semiconductor, Corp. CATALYST[Catalyst Semiconductor] http://
|
74HC164BQ 74HCT164PW |
8-bit serial-in, parallel-out shift register HC/UH SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PQCC14 8-bit serial-in, parallel-out shift register 8位串行输入,并行输出移位寄存
|
NXP Semiconductors N.V.
|
APD-128G064C |
128 x 64 Graphics Display with ASCII Input Controller, DC Converter, Drive Circuitry, Bright and Vivid Graphics, Parallel Interface or RS-232 Serial Interface, Powerful Software Commands
|
Vishay
|
AT93C56A AT93C56A-10PI-1.8 AT93C56A-10PI-2.7 AT93C |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 240 x 128 pixel format, CFL Backlight with power harness 128 x 64 pixel format, LED or EL Backlight available ER 4C 4#16 SKT PLUG Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-10 RoHS Compliant: No 3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74F675ASPC 74F675ASC 74F675APC 74F675A |
16-Bit Serial-In, Serial/Parallel-Out Shift Register F/FAST SERIES, 16-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO24
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CAT24C01BGZI-REV-A CAT24C01BGZI-TE13REV-A CAT24C01 |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 GREEN, MSOP-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 PLASTIC, DIP-8
|
3M Company Vicor, Corp.
|
|