PART |
Description |
Maker |
CP30338 |
PELTIER MODU LE
|
CUI INC
|
CP60240 |
PELTIER MODU LE
|
CUI INC
|
SAA7104E SAA7105E SAA7104E/V1/S1 SAA7105E/V1/S1 |
SAA7104E; SAA7105E; Digital video encoder Digital video encoder COLOR SIGNAL ENCODER, PBGA156
|
Philips NXP Semiconductors N.V.
|
3315C-025-006L 3315P-025-006L 3315P-102-006L 3315R |
9 mm Square Sealed Incremental Encoder SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
HEDL-6442-AP01 HEDL-6442-AP02 HEDL-6402-AP01 HEDL- |
Optical Incremental Housed Encoders 光电编码器增量外 IND 3.3UH SMD 10% SHLD Inductor; Inductor Type:Power; Inductance:10uH; Inductance Tolerance: /- 10 %; Current Rating:279mA; Series:ISC; Package/Case:1812; Core Material:Powdered Iron; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes HEDL-6442-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6402-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6402-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6443-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6402-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6442-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6443-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
62S11-M0-P 62S18-H0-PHT 62S18-H9-PHT 62S18-L4-P 62 |
1/2" Package, Low Profile Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
OPE1275H-256 OPE2275H-256 |
SINGLE, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-4 Incremental Hollow Shaft Encoder
|
TT electronics OPTEK Technology TT Electronics.
|
ADV7320 ADV7321 ADV7321KSTZ |
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs COLOR SIGNAL ENCODER, PQFP64
|
Analog Devices, Inc.
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
ENW1D-D28-L00128 ENW1D-D28-M00128 ENW1D-D28-M00128 |
ROTARY OPTICAL POSITION ENCODER COMPACT PACKAGE-5 ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-5 ENCODER - ROTARY OPTICAL ROTARY OPTICAL POSITION ENCODER Encoders 256Cycle Axial ROTARY OPTICAL POSITION ENCODER Encoders 128Cycle Axial ROTARY OPTICAL POSITION ENCODER Encoders 64Cycle Axial ROTARY OPTICAL POSITION ENCODER Encoders 256Cycle Radial ROTARY OPTICAL POSITION ENCODER 20CODER - ROTARY OPTICAL ROTARY OPTICAL POSITION ENCODER Encoders 64Cycle Radial ROTARY OPTICAL POSITION ENCODER Encoders 128Cycle Radial ROTARY OPTICAL POSITION ENCODER Encoders 100Cycle Axial ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
281334-1 |
.100 Inch Centerline-AMPMODU Receptacles; AMP MODU II SGL BTB ASSY 8 POS ( AMP )
|
Tyco Electronics
|