PART |
Description |
Maker |
HA17901 HA17901FPJ HA17901FPK HA17901PJ |
Quadruple Comparators
|
Renesas Electronics Corporation
|
HA1631S01 HA1631S01CM HA1631S01LP HA1631S02 HA1631 |
Standard IC>General-Purpose Linear>Comparators>CMOS comparators Single CMOS Comparator (Push Pull/Open Drain Output)
|
RENESAS[Renesas Electronics Corporation]
|
5962-8757203IA 5962-8757203BA 5962-8757201DA |
Analog Comparator Single/Dual, Very Fast TTL Latched Output Comparators Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators
|
|
MAX924C_D MAX924CPE MAX924EPE MAX924ESE MAX924MJE |
Triple 3-Input Positive-AND Gates 14-CDIP -55 to 125 Ultra Low-Power / Single/Dual-Supply Comparators Ultra Low-Power, Single/Dual-Supply Comparators Ultra Low-Power Single/Dual-Supply Comparators
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AS7C32098A AS7C32098A-20TIN AS7C32098A-10TC AS7C32 |
Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 128K X 16 STANDARD SRAM, 10 ns, PDSO44 Quadruple D-Type Flip-Flops With Clear 16-TVSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SOIC -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SO -40 to 85 SRAM - 3.3V Fast Asynchronous 3.3 V 128K x 16 CMOS SRAM
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
NCS2200SN1T1 NCS2203SN2T1 NCS2200 NCS2200SN2T1 NCS |
Low Voltage Comparators, open drain w/Enable Low Voltage Comparators, Complementary w/Enable
|
ONSEMI[ON Semiconductor]
|
LT1712 LT1712IGN LT1712CGN LT1711CMS8 LT1711 LT171 |
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO8 Dual 4.5ns Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO16 Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators DUAL COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO16 Dual 4.5ns Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C DUAL COMPARATOR, 6000 uV OFFSET-MAX, 5.5 ns RESPONSE TIME, PDSO16 Dual, 4.5ns, 3V/5V/?V, Rail-to-Rail Comparator Single/Dual 4.5ns, 3V/5V/V, Rail-to-Rail Comparators Single/Dual 4.5ns, 3V/5V/±5V, Rail-to-Rail Comparators
|
Linear Technology, Corp. LINER[Linear Technology]
|
AAT3236 AAT3236IGV-28-T1 AAT3236IGV-285-T1 AAT3236 |
Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 300mA CMOS High Performance LDO 300mA的LDO稳压器的CMOS高性能 Quadruple 2-Input Positive-AND Gates 14-SSOP 0 to 70 300mA的LDO稳压器的CMOS高性能
|
Advanced Analogic Technolog... ANALOGICTECH[Advanced Analogic Technologies] Advanced Analogic Technologies, Inc.
|
LM119-LM219 LM219N LM119D LM119N LM319 LM319N LM21 |
HIGH SPEED DUAL BIPOLAR COMPARATORS HIGH SPEED DUAL COMPARATORS
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
KBPC2500-BR250 BR251 KBPC25005 KBPC2502 |
Quadruple 2-Input Positive-NOR Gates 14-TVSOP -40 to 85 25安培单相硅桥式整流器 25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER 25安培单相硅桥式整流器 Quadruple 2-Input Positive-NOR Gates 14-SO -40 to 85 25安培单相硅桥式整流器
|
Electronic Theatre Controls, Inc.
|
MAX990ESA MAX990EUA MAX993 MAX993ESD MAX994ESD MAX |
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators Micropower Low-Voltage SOT23 Rail-to-Rail I/O Comparators From old datasheet system Micropower / Low-Voltage / SOT23 / Rail-to-Rail I/O Comparators
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|