PART |
Description |
Maker |
M410000027 M410000022 M41000001Z M41000001W |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位12亩x 8-Bit/256亩x 16位),静态存储器
|
Advanced Micro Devices, Inc.
|
AD7548 AD7548AQ AD7548BQ AD7548JN AD7548JP AD7548J |
LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC PARALLEL, WORD INPUT LOADING, 1.5 us SETTLING TIME, 8-BIT DAC, PDIP20 12-Bit, Multiplying, I<SUB>OUT</SUB> DAC, 8-Bit Bus
|
Analog Devices, Inc.
|
AM41DL3208GB70I AM41DL3208GB85I AM41DL3208GT30IT A |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|
W25X40AL W25X40ALDAIZ W25X40ALSNIZ W25X40ALZPIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
TC9WMB1FK |
1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
|
Toshiba Semiconductor
|
MC6800 MC6800CL MC6800CP MC6800CS MC6800L MC6800P |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS 8-BIT MICROPROCESSING UNIT (MPU)
|
MOTOROLA[Motorola, Inc]
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
CS5525 CS5525-AP CS5525-AS CS5525-BP CS5525-BS CS5 |
16/20-Bit, Multirange A/D Converters with 4-Bit Latch 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
|
CIRRUS[Cirrus Logic]
|
MR27V1652E MR27V1652EMA MR27V1652ERA MR27V1652ETN |
1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
|
OKI electronic componets
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MR533252J-XXTP MR533252J MR533252J-XXMA |
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
|
OKI[OKI electronic componets]
|