PART |
Description |
Maker |
BC847BPDW1T1 BC847CPDW1T1 BC848BPDW1T1 BC846BPDW1T |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system Dual General Purpose Transistors(NPN/PNP Duals)
|
ON Semiconductor
|
BC858W BC856W BC857W |
High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE SWITCHING) EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
KTC9015S |
General Purpose Transistor EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING APPLICATION
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
HL9-100KWTQ HL9-101KWTQ HL9-102KWTQ HL9-1R0KWTQ HL |
1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR HIGH CURRENT POWER CHOKES 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 56000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3300 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1500 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR
|
RCD COMPONENTS INC.
|
KTC4468 |
General Purpose Transistor TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO AND GENERAL PURPOSE)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
CPBT720 |
0.350W General Purpose PNP SMD Transistor. 40V Vceo, 1.500A Ic, 300 hFE. TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 1.5A I(C) | SOT-23
|
Continental Device India Limited
|
PUMF11 PUMF11_1 |
NPN resistor-equipped transistor; PNP general purpose transistor From old datasheet system NPN resistor-equipped transistor PNP general purpose transistor
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
2N5086 MMBT5086 MMBT5087 2N5087 MMBT5087NL 2N5087T |
PNP General Purpose Amplifier PNP General Purpose Amplifier 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HN1A01FUGR HN1A01FU |
Transistor Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications TRANSISTOR | BJT | PAIR | PNP | 50V V(BR)CEO | 150MA I(C) | TSOP
|
TOSHIBA
|
NST3906DXV6T5 NST3906DXV6T1 |
General Purpose PNP Transistor Dual General Purpose Transistor
|
ONSEMI[ON Semiconductor]
|