PART |
Description |
Maker |
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
TC642B TC646B TC649B TC648B TC647B |
The TC642B is a new version of the existing TC642 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC646B is a new version of the existing TC646 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC649B is a new version of the existing TC649 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC648B is a new version of the existing TC648 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC647B is a new version of the existing TC647 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
|
Microchip
|
SF14BW-CS |
black and white camera incorporates the 1/4 Omni Vision CMOS image sensor
|
AZ Displays, Inc.
|
ADUC702 ADUC7027AST62 ADUC7026BST62 ADUC7021BCP32 |
Precision Analog Microcontroller 12-bit Analog I/O/ ARM7TDMI MCU Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU 32-BIT, FLASH, 45.5 MHz, MICROCONTROLLER, QCC40 Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU 32-BIT, FLASH, 45.5 MHz, MICROCONTROLLER, PQFP80 Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU 32-BIT, FLASH, 45.5 MHz, MICROCONTROLLER, QCC64
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADT5500 |
visible Light Sensor which incorporates photo diode and current amplifier in a single chip
|
ADTech
|
STR73XF STR736FV2T6 STR730FZ1T6 STR731FV0T6 STR731 |
ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces ARM7TDMI2位微控制器的闪存倍的CAN个UART20定时器,ADC2通信设备。接 ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces ARM7TDMI2位微控制器的闪存倍的CAN个UART0定时器,ADC2通信设备。接 ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces ARM7TDMI2位微控制器的闪存倍的CAN个UART0定时器,ADC12通信设备。接
|
意法半导 STMicroelectronics N.V.
|
TLP828 |
Photo-interrupter Which incorporates a GaAs infrared LED and a fast response Si Phototransistor in a Dust-proof package.
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
AT91R40807 AT91R40807-33AI AT91R4080702 AT91R40807 |
ARM? Thumb? Microcontrollers AT91 ARM Thumb Microcontrollers 32-BIT, MROM, 33 MHz, RISC MICROCONTROLLER, PQFP100
|
ATMEL[ATMEL Corporation] Atmel, Corp.
|
ADUC7128 |
Precision Analog Microcontroller ARM7TDMI MCU with 12-bit ADC & DDS DAC
|
Analog Devices
|
STR735FZX STR730FZX STR73XF STR730FZ1H7 STR730FZ1T |
ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
|
STMICROELECTRONICS[STMicroelectronics]
|
ADUC7124 ADUC7126 |
ADuC7124/ADuC7126: Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler Silicon Anomaly (Rev A, 10/2011) ADuC7124/ADuC1726: Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler Datasheet (Rev C, 05/2012)
|
Analog Devices
|
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
|