PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
TS80C58X2NBSP TS87C58X2 TS87C54X2 TS80C54X2NBSP TS |
From old datasheet system 8-bit microcontroller 16 Kbytes OTP 8-bit microcontroller 16 Kbytes ROM 8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP 8-bit microcontroller 32 Kbytes ROM
|
ATMEL Corporation
|
PIC16C54 PIC16C57 PIC16C54A_JW PIC16C54-RC_SO PIC1 |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,28PIN,CERAMIC
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
TMP8700CH TMP8700CS TMP8700CK TMP8700CP TMPA8700CS |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成6K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成0K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成4K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能CMOS 8位微控制器(芯片集成8K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM??AM,8-Bit A/D Converter,Remote Control Singnal Processor(楂??????ц???MOS 8浣?井?у??????????浜?2K瀛??ROM锛?K瀛??浣?AM,8浣?/D杞?????杩???у?淇″?澶?????)
|
Toshiba Corporation
|
Z8PE003PZ010SG Z8PE003SZ010SG |
IC MICROCONTROLLER 1K 18-DIP 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDIP18 IC MICROCONTROLLER 1K 18-SOIC 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDSO18 1K ROM Z8 OTP Microcontroller(1K ROM Z8绯诲?涓?????绋?井?у??ī
|
ZiLOG, Inc.
|
PIC16C55A-04_P PIC16C55A-04_SO PIC16C55A-04_SS PIC |
ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
PIC16LC55A-20I/SS PIC16C56-XTI-P |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
GMS97L1051 GMS97L1051-D GMS97C1051 GMS97C1051-24 G |
ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 12 MHz, 8-bit microcontroller ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 24 MHz, 8-bit microcontroller 8-Bit CMOS Microcontorller
|
Hynix Semiconductor N.A.
|
TMP47P885F |
CMOS 4 Bit Microcontroller with a Built-in 8K-byte EEPROM as ROM(内置8K字节EEPROM 4位微控制
|
Toshiba Corporation
|
TMP90CM38 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit A/D,D/A Converter,RAM,ROM,General Serial Interface,Multifuction Timer/Event Counter
|
Toshiba Corporation
|
PIC16C54C-04-P PIC16C55A-JW PIC16LC55A-04I PIC16CR |
EPROM/ROM-Based 8-bit CMOS Microcontroller Series EPROM/ROM-Based 8-bit CMOS Microcontroller Series
|
Microchip Technology
|
SAB80C535-N-T40/85 SAB80C515-M-T40/85 SAB80C515-N- |
High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC68 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory(12MHz)
|
Siemens Semiconductor Group SIEMENS AG http:// Infineon Siemens Semiconductor G...
|