PART |
Description |
Maker |
STM8S103K3T6C STM8S103F3M3 STM8S103F2 STM8S103K3T3 |
Mainstream Access line 8-bit MCU with 4 Kbytes Flash, 16 MHz CPU, integrated EEPROM Mainstream Access line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
|
ST Microelectronics STMicroelectronics
|
AD1556 AD1555 |
24-Bit, 121 dB typical SNR, Sigma-Delta ADC with integrated PGA 24-Bit ADC
|
Analog Devices
|
MPC8555ECVTAKD MPC8555EVTAKD MPC8555VTAKD MPC8555E |
32-BIT, 833 MHz, RISC PROCESSOR, PBGA783 PowerQUICC垄芒 III Integrated Communications Processor Hardware Specifications PowerQUICC III Integrated Communications Processor Hardware Specifications PowerQUICC?/a> III Integrated Communications Processor Hardware Specifications 32-BIT, 533 MHz, RISC PROCESSOR, PBGA783 32-BIT, 600 MHz, RISC PROCESSOR, PBGA783 PowerQUICC?/a> III Integrated Communications Processor Hardware Specifications
|
Freescale Semiconductor, Inc FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, In...
|
TS68332MAB/C20 TS68332MAB/C16 TS68332MRB/C20 TS683 |
High performance 32-bit integrated microcontroller 32-BIT, 20.97 MHz, MICROCONTROLLER, CPGA132
|
ATMEL Corporation Atmel Corp. Atmel, Corp.
|
ICS9248-87 ICS9248YF-87 ICS9248YF-87LF AV9248F-87 |
Frequency generator and integrated buffer for Celeron and PII/III 150 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48 16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85 810E Single Chip Clock, Supports 66 - 155MHz (P) Frequency Generator & Integrated Buffers for Celeron & PII/III⑩ Frequency Generator & Integrated Buffers for Celeron & PII/III?
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems] Integrated Circuit Syst...
|
CL-GD5462 CL-GD546X CL-GD54622D CL-GD5464 CL-GD546 |
64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464) 64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464)
|
CIRRUS[Cirrus Logic]
|
AD1859JRZ-RL |
Stereo, Single-Supply 18-Bit Integrated (Sigma Delta) DAC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Commercial SERIAL INPUT LOADING, 18-BIT DAC, PDSO28
|
Analog Devices, Inc.
|
79RC32K438-266BB 79RC32K438-233BB 79RC32K438266BB |
IDTTM InterpriseTM Integrated Communications Processor 32-BIT, 266 MHz, RISC PROCESSOR, PBGA416 IDTTM InterpriseTM Integrated Communications Processor IDTTM InterpriseTM集成通信处理 IDTTM InterpriseTM Integrated Communications Processor 32-BIT, 233 MHz, RISC PROCESSOR, PBGA416
|
Integrated Device Technology, Inc.
|
ICS9248-98 ICS9248YF-98-T AV9248F-98-T |
Frequency generator and integrated buffer for Celeron and PII/III Frequency Generator & Integrated Buffers for Celeron & PII/III⑩ 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 Frequency Generator & Integrated Buffers for Celeron & PII/III??/span>
|
ICST[Integrated Circuit Systems]
|
STV3500 STV3500E |
Integrated Up-Convertor with 32-bit CPU Core with Video Enhancers and Bitmap On-Screen Display Integrated Up-Converter with 32-bit CPU Core with Video Enhancers and Bitmap On-Screen Display
|
意法半导 STMicroelectronics ST Microelectronics
|
ICS5342 |
16-Bit Integrated Clock-LUT-DAC
|
Integrated Device Technology
|
RM7935 RM7965 |
64-bit Microprocessors with Integrated L2 Cache and EJTAG
|
PMC-Sierra, Inc.
|