PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1702 0122 |
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1969 |
PNP Epitaxial Planar Silicon Transistor High-Frequency Medium-Output Amplifier,Medium-Current Ultrahigh-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1882 0177 |
PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1419 0069 |
PNP Epitaxial Planar Silicon Transistors High-Voltage Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1201 2SD1801 0738 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1706 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1707 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|