PART |
Description |
Maker |
25CH-C-05 25CH-B-03 25SH-B-03-TR 25SH-B-03-TS 25SH |
HEADER & HOUSING SYSTEMS 2.5mm Type B & C
|
http:// Adam Technologies, Inc.
|
MTE-C-R MTF04MTE-CB MTF04MTE-CR MTE04MTE-CB MTE40M |
HEADER & HOUSING SYSTEMS .100 [2.54] CENTERLINE SINGLE & DUAL ROW
|
Adam Technologies, Inc.
|
FSP050-DGAA5 |
IPC systems, C ommunication systems, Embedded systems, POE systems
|
FSP TECHNOLOGY INC.
|
ELFA20110 ELFA06110 ELFH20150 ELFA12150 ELFP04110 |
ELF Series PLUG AND HEADER SYSTEMS
|
Amphenol
|
61082-081026 61082-14400LF 61082-123400LF 61082-16 |
80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE BERGSTAK 0.8MM RECEPTACLE ASSY 1.MATERIAL HOUSING LCP UL 94V-O
|
FCI connector
|
53780-1470 |
Wire-to-Board Header; No. of Contacts:14; Pitch Spacing:1.25mm; No. of Rows:1; Gender:Header; Series:53780; Body Material:PPS Polyphenylene Sulfide; Contact Material:Phosphor Bronze; Current Rating:1A; Housing Style:Right-Angle RoHS Compliant: Yes
|
MOLEX INC
|
MTA10 MTS10 MTS20 |
.100 HEADER & HOUSING CONNECTOR SYSTEM
|
Adam Technologies, Inc.
|
M20-9612645 M20-9601846 M20-9610445 M20-9972245 M2 |
2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 26-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Extended Pin Header, 16.8mm board-stacking height, tin, 18 18-way 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 4-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, gold (hi-temp mould), 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 20-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, tin, 12-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, tin, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, tin, 23 23-way 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 5 5-way 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL Extended Pin Header, 16.8mm board-stacking height, gold (hi-temp mould), 31-way 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 8.5mm mating pin height, tin, 37 37-way 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Extended Pin Header, 16.8mm board-stacking height, tin, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
ICS9159-07 ICS9159M-07 |
Frequency Generator for NexGen?/a> Nx586 Systems Frequency Generator for NexGen⑩ Nx586 Systems Frequency Generator for NexGen Nx586 Systems 50/125 PVC ST-ST 5M DUPLEX ASSEM Frequency Generator for NexGenNx586 Systems 频率发生器NexGen公司⑩Nx586系统
|
ICST[Integrated Circuit Systems] Maxim Integrated Products, Inc.
|
0850017005 |
2.54mm (.100") Pitch DIN 41612 B Style Male Header, High Temperature Housing, Right Angle
|
Molex Electronics Ltd.
|
|