PART |
Description |
Maker |
EL1-P16 |
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
|
PHOENIX CONTACT
|
RIF-4-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-4-RPT-LV-120AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-4-RPT-LV-230AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
PVG612 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
|
IR International Rectifier
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
ES62UL256-45TC ES62UL256 ES62UL256-25SC ES62UL256- |
REED RELAY 32Kx8位超低功耗异步静态RAM Dry Reed Relay; Relay Terminals:Thru Hole 32Kx8位超低功耗异步静态RAM 32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
|
Electronic Theatre Controls, Inc. NanoAmp Solutions, Inc. ETC[ETC]
|
FTR-H1AA012V FTR-H1CA012V FTR-H1AA024V FTR-H1CA024 |
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1极功率继电器- 10型低 POWER RELAY 1 POLE-10 A LOW PROFILE TYPE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Limited Fujitsu, Ltd.
|
FTR-K2WAK024W FTR-K2WAK012W |
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
|
Fujitsu Component Limit...
|
RPL1ATCN24 RPL1CTCN24 RPL1ATCN48 RPL1CTCN48 RPL-1C |
RELAY POWER RELAY LARGE SIZE-TYPE RPL
|
Adam Technologies, Inc.
|
G4A G4A-1A-E G4A-1A-PE G4A-1A-PEDC12 |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.075A (COIL), 12VDC (COIL), 900mW (COIL), THROUGH HOLE-STRAIGHT MOUNT Power PCB Relay
|
Omron Electronics LLC
|
RIF-0-BPT |
RIF-0... relay base, for miniature power relay with 1 PDT or solid-state relays of the same design, push-in connection, for mounting on NS 35/7,5
|
PHOENIX CONTACT
|