PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
2SC4738 |
High voltage and high current:VCE=50V,IC=150mA(Max.) High hFE: =120 to 700
|
TY Semiconductor Co., L...
|
SB5H100-E3_54 SB5H100-E3_73 SB5H100-E3/54 SB5H100H |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
SB3H100-E3_54 SB3H100-E3_73 SB3H90 SB3H9008 SB3H10 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
KTC4527F |
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING/ WIDE SOA)
|
KEC(Korea Electronics)
|
MT5365-UV |
Dimension in mm High power, high-speed, narrow beam angle, high reliablitiy
|
Marktech Corporate
|
FJP5021NBSP FJP5021 FJP5021Y FJP5021RTU FJP5021RVT |
NPN Silicon Transistor High Voltage and High Reliability From old datasheet system High Speed Switching : tF = 0.1μs (Typ.)
|
FAIRCHILD[Fairchild Semiconductor]
|
MAX5889 MAX5890 MAX5891 MAX5891EGK |
16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs Dual Very-High Speed, High-Current Peripheral Drivers 8-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
LME49600 |
High Performance, High Fidelity, High Current Audio Buffer
|
http://
|
2075SERIES 2075-2000 2075-1000 2075-300 2075-3000 |
Delay 5000 /-100 ns, fixed high B.W. line Tr Delay 500 /-20 ns, fixed high B.W. line Tr Delay 4000 /-80 ns, fixed high B.W. line Tr Delay 3000 /-60 ns, fixed high B.W. line Tr Delay 300 /-20 ns, fixed high B.W. line Tr Delay 1000 /-20 ns, fixed high B.W. line Tr Delay 2000 /-40 ns, fixed high B.W. line Tr FIXED HIGH B.W. DELAY LINE TR 1ns
|
Data Delay Devices Inc
|
BUX40 |
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
|
Comset Semiconductor
|