PART |
Description |
Maker |
MCSOF MCSOF_TBE MCSOF_A MCSOF/A MCSOF/TBE MCSOF/AE |
CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 132.7104 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 144 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 64 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 160 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 48 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.2368 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 110.592 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 102.4 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 128 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 117.946 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 150 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 104 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 108 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 131.072 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50.75 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS OUTPUT 5V CMOS Oscillator Low Jitter
|
Golledge Electronics, Ltd. GOLLEDGE[Golledge Electronics Ltd]
|
VCC1-B6K-125M00 VCC1-F2G-125M00 VCC1-F3F-125M00 VC |
CRYSTAL OSCILLATOR, CLOCK, 0.012 MHz - 125 MHz, CMOS OUTPUT 1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
|
VECTRON INTERNATIONAL ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
VCB-2C0A-25M00 VCB-2F5E-25M00 VCB-2B5B-25M00 VCB-2 |
3.3, 5.0 volt CMOS Oscillator
|
http:// Vectron International, Inc
|
K1100BA07 K1100BACE-R-FREQ K1125BACE-R-FREQ K1110B |
CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 70 MHz, CMOS/TTL OUTPUT 14 pin DIP, 5.0 Volt, Clock Oscillator
|
MTRONPTI
|
CCFEEP-25M125 CCTEEP-25M125 CDFEEP-25M125 CDTEEP-2 |
3.3, 5.0 volt CMOS Oscillator 3.3, 5.0 volt CMOS Oscillator
|
Vectron International, Inc http:// Vectron International, ...
|
K50008 K525CSE K525CSM K550C K550CE K550CM K550CS |
8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator 8 pin DIP, 5.0 Volt, CMOS/TTL, Clock Oscillator
|
MTRONPTI
|
28F256 AM28F256-150FCB AM28F256-120FE AM28F256-120 |
Octal bus transceivers 20-SOIC 0 to 70 Serial-out shift registers with input latches 16-SOIC 0 to 70 Octal bus transceivers 20-PDIP 0 to 70 Serial-out shift registers with input latches 16-PDIP 0 to 70 Voltage-controlled oscillator 14-SOIC 0 to 70 Serial-out shift registers with input latches 16-SO 0 to 70 Shift registers with input latches 20-SOIC 0 to 70 Dual voltage-controlled oscillators 16-SOIC 0 to 70 Dual voltage-controlled oscillators 16-PDIP 0 to 70 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 32K X 8 FLASH 12V PROM, 90 ns, PDSO32 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 32K X 8 FLASH 12V PROM, 90 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 32K X 8 FLASH 12V PROM, 70 ns, PDSO32 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 32K X 8 FLASH 12V PROM, 70 ns, PDIP32 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 32K X 8 FLASH 12V PROM, 70 ns, PQCC32 Voltage-controlled oscillator 14-PDIP 0 to 70 32K X 8 FLASH 12V PROM, 150 ns, PDIP32 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 32K X 8 FLASH 12V PROM, 150 ns, PDIP32 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256千比特(32亩8位)的CMOS 12.0伏,整体擦除闪存 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory Voltage-controlled oscillator 14-PDIP 0 to 70 32K X 8 FLASH 12V PROM, 200 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 32K X 8 FLASH 12V PROM, 90 ns, PDIP32 Octal bus transceivers with open collector outputs 20-SOIC 0 to 70
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
74LCX646 74LCX646RM13TR 74LCX64604 |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMicroelectronics
|
S29CD032G S29CD032G0JFAI000 S29CD032G0JFAI002 S29C |
CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY From old datasheet system 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
SPANSION[SPANSION]
|
IDT72V201L20J IDT72V201L20JI IDT72V211L20J IDT72V2 |
512 x 9 SyncFIFO, 3.3V 3.3 VOLT CMOS SyncFIFO 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3 VOLT CMOS SyncFIFO⑩ 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 11C 11#16 SKT RECP BOX RM 3.3 VOLT CMOS SyncFIFO 256 x 9/ 512 x 9/ 1/024 x 9/ 2/048 x 9/ 4/096 x 9 and 8/192 x 9 3.3 VOLT CMOS SyncFIFO256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3伏的CMOS SyncFIFO56 × 912 × 9,024 × 9,048 × 9,096 × 9,192 × 9 GT 6C 3#4 3#16 SKT RECP WALL 1K X 9 OTHER FIFO, 6.5 ns, PQCC32 GT 7C 7#16S PIN RECP 3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 8C 8#16 SKT RECP WALL GT 3C 3#16S PIN RECP WALL GT 4C 4#12 PIN PLUG 3.3 VOLT CMOS SyncFIFO?256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
|